| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PESD4USB3B-TTS bảng dữ liệu(PDF) 6 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PESD4USB3B-TTS bảng dữ liệu(HTML) 6 Page - Nexperia B.V. All rights reserved |
|
6 / 11 page ![]() Nexperia PESD4USB3B-TTS ESD protection for high-speed interfaces 9. Application information The device is designed to provide high-level ESD protection for high-speed serial data buses such as HDMI, DisplayPort, eSATA and LVDS data lines. Note: When designing the PCB, give careful consideration to impedance matching and signal coupling. Do not connect the signal lines to unlimited current sources like, for example, a battery. Dynamic resistance The device uses an advanced clamping structure showing a negative dynamic resistance. This snap-back behavior strongly reduces the clamping voltage to the system behind the ESD protection during an ESD event. Do not connect unlimited DC current sources to the data lines to avoid keeping the ESD protection device in snap-back state after exceeding breakdown voltage (due to an ESD pulse for instance). PESD4USB3B-TTS All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2021. All rights reserved Product data sheet 15 March 2021 6 / 11 |