công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VL6624 bảng dữ liệu(PDF) 57 Page - STMicroelectronics

tên linh kiện VL6624
Giải thích chi tiết về linh kiện  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 bảng dữ liệu(HTML) 57 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 53Page - STMicroelectronics VL6624 Datasheet HTML 54Page - STMicroelectronics VL6624 Datasheet HTML 55Page - STMicroelectronics VL6624 Datasheet HTML 56Page - STMicroelectronics VL6624 Datasheet HTML 57Page - STMicroelectronics VL6624 Datasheet HTML 58Page - STMicroelectronics VL6624 Datasheet HTML 59Page - STMicroelectronics VL6624 Datasheet HTML 60Page - STMicroelectronics VL6624 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 106 page
background image
VL6624/VS6624
Register map
57/106
0x0425(MSB)
0x0426(LSB)
uwManualCropHorizontalSize1
Default value
0x00
Purpose
Set the cropping H size
Type
UINT16
0x0429(MSB)
0x042a(LSB)
uwManualCropVerticalStart1
Default value
0x00
Purpose
Set the cropping Vstart address
Type
UINT16
0x042d(MSB)
0x042e(LSB)
uwManualCropVerticalSize1
Default value
0x00
Purpose
Set the cropping Vsize
Type
UINT16
0x0430
bImageFormat1(2)
Default value
<0> ImageFormat_YCbCr_JFIF
Purpose
select required output image format.
Type
CODED
Possible values
<0> ImageFormat_YCbCr_JFIF
<1> ImageFormat_YCbCr_Rec601
<2> ImageFormat_YCbCr_Custom - to use custom output select
required RgbToYuvOutputSignalRange from 'PipeSetupBank' page.
<3> ImageFormat_YCbCr_400
<4> ImageFormat_RGB_565
<5> ImageFormat_RGB_565_Custom - to use custom output select
required RgbToYuvOutputSignalRange from 'PipeSetupBank' page.
<6> ImageFormat_RGB_444
<7> ImageFormat_RGB_444_Custom - to use custom output select
required RgbToYuvOutputSignalRange from 'PipeSetupBank' page.
<9> ImageFormat_Bayer10ThroughVP
<10> ImageFormat_Bayer8CompThroughVP-- to compress bayer data
to 8 bits data
<11> ImageFormat_Bayer8TranThroughVP-- to truncate bayer data to 8
bits data
0x0432
bBayerOutputAlignment1
Default value
<4> BayerOutputAlignment_RightShifted
Purpose
set bayer output alignment
Type
CODED
Possible values
<4> BayerOutputAlignment_RightShifted
<5> BayerOutputAlignment_LeftShifted
Table 14.
Pipe setup bank1
Index
PipeSetupBank1(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More