công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PDD4909 bảng dữ liệu(PDF) 2 Page - Potens Semiconductor Corp.

tên linh kiện PDD4909
Giải thích chi tiết về linh kiện  40V P-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POTENS [Potens Semiconductor Corp.]
Trang chủ  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDD4909 bảng dữ liệu(HTML) 2 Page - Potens Semiconductor Corp.

  PDD4909 Datasheet HTML 1Page - Potens Semiconductor Corp. PDD4909 Datasheet HTML 2Page - Potens Semiconductor Corp. PDD4909 Datasheet HTML 3Page - Potens Semiconductor Corp. PDD4909 Datasheet HTML 4Page - Potens Semiconductor Corp. PDD4909 Datasheet HTML 5Page - Potens Semiconductor Corp. PDD4909 Datasheet HTML 6Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Potens semiconductor corp.
Ver.1.02
2
PDD4909
40V P-Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=
-250μA
-40
---
---
V
△BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25
℃ , ID=-1mA
---
-0.05
---
V/
℃
IDSS
Drain-Source Leakage Current
VDS=
-40V , VGS=0V , TJ=25
℃
---
---
-1
μA
VDS=
-32V , VGS=0V , TJ=125
℃
---
---
-10
μA
IGSS
Gate-Source Leakage Current
VGS=
±20V , VDS=0V
---
---
±100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=
-10V , ID=-10A
---
37
45
m
VGS=
-4.5V , ID=-6A
---
57
68
m
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID=
-250μA
-1.2
-1.6
-2.5
V
△VGS(th)
VGS(th) Temperature Coefficient
---
5
---
mV/
℃
gfs
Forward Transconductance
VDS=
-10V , ID=-5A
---
7
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge3,4
VDS=
-20V , VGS=-4.5V , ID=-5A
---
8.2
16
nC
Qgs
Gate-Source Charge3,4
---
3.0
6
Qgd
Gate-Drain Charge3,4
---
2.5
5
Td(on)
Turn-On Delay Time3,4
VDD=
-20V , VGS=-10V , RG=6
ID=
-1A
---
6.3
12
ns
Tr
Rise Time3,4
---
7.2
14
Td(off)
Turn-Off Delay Time3,4
---
46
80
Tf
Fall Time3,4
---
14
27
Ciss
Input Capacitance
VDS=
-25V , VGS=0V , F=1MHz
---
825
1480
pF
Coss
Output Capacitance
---
68
130
Crss
Reverse Transfer Capacitance
---
50
100
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
-16
A
ISM
Pulsed Source Current
---
---
-32
A
VSD
Diode Forward Voltage
VGS=0V , IS=
-1A , TJ=25
℃
---
---
-1
V
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
VDD=25V,VGS=10V,L=0.1mH,IAS=25A., Starting TJ=25
℃
3.
The data tested by pulsed , pulse width ≦ 300
μs , duty cycle ≦ 2%.
4.
Essentially independent of operating temperature.
Electrical Characteristics (T
J=25
℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com