| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8941GEFL/V bảng dữ liệu(PDF) 20 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8941GEFL/V bảng dữ liệu(HTML) 20 Page - Wolfson Microelectronics plc |
|
20 / 96 page ![]() WM8941 Pre Production w PP, Rev 3.3, December 2007 20 Figure 6 Microphone Input PGA Circuit (switch positions shown are for differential mic input) REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 2 AUX2INPPGA 0 Select AUX amplifier output as input PGA signal source. 0=AUX not connected to input PGA 1=AUX connected to input PGA amplifier negative terminal. 1 MICN2INPPGA 1 Connect MICN to input PGA negative terminal. 0=MICN not connected to input PGA 1=MICN connected to input PGA amplifier negative terminal. R44 Input Control 0 MICP2INPPGA 0 Connect input PGA amplifier positive terminal to MICP or VMID. 0 = input PGA amplifier positive terminal connected to VMID 1 = input PGA amplifier positive terminal connected to MICP through variable resistor string Table 2 Input Control |