| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PXPPVC12RAM05ACL100PVC bảng dữ liệu(PDF) 35 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC12RAM05ACL100PVC bảng dữ liệu(HTML) 35 Page - Bulgin Limited. All rights reserved. |
|
35 / 35 page ![]() 200 Circular Automation Connectors XXX XX Series PXM PXP Circular Automation Connectors / Part No. System XXX Material BNI = Brass Nickel TPU = Overmold for PUR M12 X-Code Series XX Size 12 XX Body FB = Flex Body FI = Flex Inline Body RP = Rear Panel Mounting RA = Right Angle X Orientation M F XX Contacts 08 Material PU XXX Lead Length 010 020 030 050 100 XX Termination PC = PCB CL = Cable SC = Solder RJ = RJ45 FB = Flex Body FI = Flex Inline Body X Code X XXX Gland Nut PG9 M16 |