| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PXPPVC12RAM bảng dữ liệu(PDF) 23 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC12RAM bảng dữ liệu(HTML) 23 Page - Bulgin Limited. All rights reserved. |
|
23 / 35 page ![]() 188 Circular Automation Connectors XXX XXX Series PXM PXP Circular Automation Connectors / Part No. System XXX Material BNI = Brass Nickel PAM = Poly- amide TPU = Overmold for PUR PVC = Overmold for PVC PNP = + Signal LED NPN = - Signal LED LCP = Liquid Crystal Polymer M12 Series XX Size 12 XX Body FB = Flex Body FI = Flex Inline Body RP = Rear Panel Mounting RA = Right Angle SC = Sealing Cap FP = Front Panel Mounting TS = T-Splitter FL = Flange SM = Surface Mount X Orientation M F T-Splitters = MM FM FF XX Contacts 03 04 05 06 08 12 17 Material PUR PVC XXX Lead Length 001 002 003 006 010 020 030 050 100 150 XX Termination ST = Screw Terminal PC = PCB CL = Cable SC = Solder FI = Flex In-Line FL = Flying Lead T-Splitter = FIIFI FBIFB FBBFB X Code A B D L S T XXX Mount / Gland PG9 PG7 M16 M12 FFL = Fixed Flange |