| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C961KC/W bảng dữ liệu(PDF) 3 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C961KC/W bảng dữ liệu(HTML) 3 Page - Advanced Micro Devices |
|
3 / 173 page ![]() P R E L I M I N A R Y AMD 1-477 Am79C961 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of: AM79C961 KC, KC\W Valid Combinations Valid Combinations The Valid Combinations table lists configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. AM79C961 K C \W ALTERNATE PACKAGING OPTION \W = Trimmed and Formed (PQB132) OPTIONAL PROCESSING Blank = Standard Processing TEMPERATURE RANGE C = Commercial (0 ° to +70°C) PACKAGE TYPE (per Prod. Nomenclature/16-038) K = Molded Carrier Ring Plastic Quad Flat Pack (PQB132) SPEED Not Applicable DEVICE NUMBER/DESCRIPTION Am79C961 |