| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C961 bảng dữ liệu(PDF) 2 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C961 bảng dữ liệu(HTML) 2 Page - Advanced Micro Devices |
|
2 / 173 page ![]() P R E L I M I N A R Y AMD 1-476 Am79C961 the integrated DMA controller. This configuration en- hances system performance by allowing the PCnet-ISA+ controller to bypass the platform DMA con- troller and directly address the full 24-bit memory space. The implementation of Bus Master Mode allows mini- mum parts count for the majority of PC applications. The PCnet-ISA+ controller can be configured to perform Shared Memory operations for compatibility with low- end machines, such as PC/XTs that do not support Bus Master and high-end machines that require local packet buffering for increased system latency. The PCnet-ISA+ controller is designed to directly inter- face with the ISA or EISA system bus. It contains an ISA Plug and Play bus interface unit, DMA Buffer Manage- ment Unit, 802.3 Media Access Control function, individual 136-byte transmit and 128-byte receive FIFOs, IEEE 802.3 defined Attachment Unit Interface (AUI), and a Twisted Pair Transceiver Media Attach- ment Unit. The PCnet-ISA+ controller is also register compatible with the LANCE (Am7990) Ethernet control- ler and PCnet-ISA. The DMA Buffer Management Unit supports the LANCE descriptor software model. External remote boot and Ethernet physical address PROMs and Electrically Erasable Proms are also supported. This advanced Ethernet controller has the built-in capa- bility of automatically selecting either the AUI port or the Twisted Pair transceiver. Only one interface is active at any one time. The individual 136-byte transmit and 128-byte receive FIFOs optimize system overhead, pro- viding sufficient latency during packet transmission and reception, and minimizing intervention during normal network error recovery. The integrated Manchester en- coder/decoder eliminates the need for an external Serial Interface Adapter (SIA) in the node system. If support for an external encoding/decoding scheme is desired, the embedded General Purpose Serial Interface (GPSI) allows direct access to/from the MAC. In addition, the device provides programmable on-chip LED drivers for transmit, receive, collision, receive polarity, link integrity and activity, or jabber status. The PCnet-ISA+ controller also provides an External Address Detection Interface ™ (EADI ™) to allow external hardware address filtering in internetworking applications. RELATED PRODUCTS Part No. Description Am79C98 Twisted Pair Ethernet Transceiver (TPEX) Am79C100 Twisted Pair Ethernet Transceiver Plus (TPEX +) Am7996 IEEE 802.3/Ethernet/Cheapernet Transceiver Am79C981 Integrated Multiport Repeater Plus ™ (IMR+™) Am79C987 Hardware Implemented Management Information Base ™ (HIMIB™) Am79C940 Media Access Controller for Ethernet (MACE ™) Am79C90 CMOS Local Area Network Controller for Ethernet (C-LANCE) Am79C960 PCnet-ISA Single-Chip Ethernet Controller (for ISA bus) Am79C965 PCnet-32 Single-Chip 32-Bit Ethernet Controller (for 386, 486, VL local buses) Am79C970 PCnet-PCI Single-Chip Ethernet Controller (for PCI bus) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |