công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OSD2002-2 bảng dữ liệu(PDF) 14 Page - List of Unclassifed Manufacturers

tên linh kiện OSD2002-2
Giải thích chi tiết về linh kiện  PLED 20x2 Character Module Specifications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

OSD2002-2 bảng dữ liệu(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button OSD2002-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
(2) Ref. Programming
'---------------------------------------------------------------------------------
'It is an OSD2002-2 pattern program and shows A,B,C….on module.
'Here use BASCOM-AVR compile.
'---------------------------------------------------------------------------------
' Project name
:
20x2 character module
' file name
:
demo2002.bas
' MCU
:
AVR AT90S8515
' Xtal
:
8MHz
' Panel I/F
:
RS, RW, Enable, BTV
' Writer
:
Cheng-Nan Yeh
' Date
:
Dec.26, 2002
rev:A
'-----------------------------------------------
' DB0=PA0: DB1=PA1: DB2=PA2: DB3=PA3
' DB4=PA4: DB5=PA5: DB6=PA6: DB7=PA7
' RS=PB2: RW=PB1: Enable=PB0
'-----------------------------------------------
'-------------initial setting
$regfile = "8515DEF.DAT"
Config Porta = Output
Config Portb = Output
Dim J As Integer , Cara As Byte
, I As Byte
Dim Command_diable As Byte, Command_enable As Byte
Dim Command_write_data As Byte , Command_clear_display As Byte
Dim Command_move_right As Byte , Command_display_on As Byte
Dim Command_line2_char5x7 As Byte , Command_ddram_&H00 As Byte
Dim Command_ddram_&H40 As Byte , Write_char As Byte
'---------
Command_diable = &H00
Command_enable = &H01
Command_clear_display = &H01
Command_move_right = &H1D
Command_display_on = &H0C
Command_line2_char5x7 = &H38
Command_ddram_&H00 = &H80
Command_ddram_&H40 = &HC0
Command_write_data = &H05
Write_char = &H40
'---------
C = 1
I = 0
'-------------clear module display and cursor back home
Portb = Command_enable
'RS=0, RW=0, Enable=1
Porta = Command_clear_display
Waitus 500
'wait 500uS for MCU internal delay time
Portb = Command_diable
'You need to set PB0=0 after PB0=1 for MCU.
'-------------setting S/C, R/L, I/D, S
Portb = Command_enable
Porta = Command_move_right
'S/C=1 ,R/L=1 ,I/D=0, S=1
Waitus 500
Portb = Command_diable
'--------------display on / off
Portb = Command_enable
Porta = Command_display_on
'D=1, C=0, B=0
Waitus 500
Portb = Command_diable
'--------------setting 5x7 Char. 2-Line
Portb = Command_enable
Porta = Command_line2_char5x7
'DL=1, N=1, F=0
Waitus 500
Portb = Command_diable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15