| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LXK2-PE12-R00 bảng dữ liệu(PDF) 15 Page - Lumileds Lighting Company |
|
|
|||||||||||||||||||||||||||||
LXK2-PE12-R00 bảng dữ liệu(HTML) 15 Page - Lumileds Lighting Company |
|
15 / 41 page ![]() LUXEON K2 Datasheet DS51 (7/07) 15 Mechanical Dimensions—2Lead Gullwing Form [8] Notes for Figure 5: 1. The anode side of the device is denoted by the chamfer on the part body. Electrical insulation between the case and the board is required—slug of the device is not electrically neutral. Do not electrically connect either the anode or cathode to the slug. 2. Do not handle the device by the lens except as described in Philips Lumileds document AB29—care must be taken to avoid damage to the lens or the interior of the device that can be damaged by excessive force to the lens. 3. Drawings not to scale. 4. All dimensions are in millimeters. 5. All dimensions without tolerances are for reference only. 6. Recommended solder paste thickness of 0.15mm. 7. Available as a custom part number, contact your local Future Lumileds representative for more information. 8. The 2Lead Gullwing part is not recommended for use in solder reflow systems. Mount these parts with a thermal adhesive and hot bar soldering. For conventional reflow surfacemounting, use 4Lead Gullwing Form. Figure 5. 2Lead Gullwing Package Outline Drawing. |