công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY2305SC-1HT bảng dữ liệu(PDF) 2 Page - Cypress Semiconductor

tên linh kiện CY2305SC-1HT
Giải thích chi tiết về linh kiện  Low-Cost 3.3V Zero Delay Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305SC-1HT bảng dữ liệu(HTML) 2 Page - Cypress Semiconductor

  CY2305SC-1HT Datasheet HTML 1Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 2Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 3Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 4Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 5Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 6Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 7Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 8Page - Cypress Semiconductor CY2305SC-1HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CY2305
CY2309
Document #: 38-07140 Rev. *G
Page 2 of 14
Notes:
1. Weak pull-down.
2. Weak pull-down on all outputs.
3. Weak pull-ups on these inputs.
4. This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to change the skew between the reference and output.
Pin Description for CY2309
Pin
Signal
Description
1REF[1]
Input reference frequency, 5V-tolerant input
2
CLKA1[2]
Buffered clock output, Bank A
3
CLKA2[2]
Buffered clock output, Bank A
4VDD
3.3V supply
5
GND
Ground
6
CLKB1[2]
Buffered clock output, Bank B
7
CLKB2[2]
Buffered clock output, Bank B
8S2[3]
Select input, bit 2
9S1[3]
Select input, bit 1
10
CLKB3[2]
Buffered clock output, Bank B
11
CLKB4[2]
Buffered clock output, Bank B
12
GND
Ground
13
VDD
3.3V supply
14
CLKA3[2]
Buffered clock output, Bank A
15
CLKA4[2]
Buffered clock output, Bank A
16
CLKOUT[2]
Buffered output, internal feedback on this pin
Pin Description for CY2305
Pin
Signal
Description
1REF[1]
Input reference frequency, 5V-tolerant input
2CLK2[2]
Buffered clock output
3CLK1[2]
Buffered clock output
4
GND
Ground
5CLK3[2]
Buffered clock output
6VDD
3.3V supply
7CLK4[2]
Buffered clock output
8
CLKOUT[2]
Buffered clock output, internal feedback on this pin
Select Input Decoding for CY2309
S2
S1
CLOCK A1–A4
CLOCK B1–B4
CLKOUT[4]
Output Source
PLL Shutdown
0
0
Three-state
Three-state
Driven
PLL
N
0
1
Driven
Three-state
Driven
PLL
N
1
0
Driven
Driven
Driven
Reference
Y
1
1
Driven
Driven
Driven
PLL
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com