công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L79L08ABU bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện L79L08ABU
Giải thích chi tiết về linh kiện  NEGATIVE VOLTAGE REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L08ABU bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button L79L08ABU Datasheet HTML 3Page - STMicroelectronics L79L08ABU Datasheet HTML 4Page - STMicroelectronics L79L08ABU Datasheet HTML 5Page - STMicroelectronics L79L08ABU Datasheet HTML 6Page - STMicroelectronics L79L08ABU Datasheet HTML 7Page - STMicroelectronics L79L08ABU Datasheet HTML 8Page - STMicroelectronics L79L08ABU Datasheet HTML 9Page - STMicroelectronics L79L08ABU Datasheet HTML 10Page - STMicroelectronics L79L08ABU Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ELECTRICAL CHARACTERISTICS FOR L79L05AB AND L79L05AC
(refer to the test circuits, Vi = -10V, Io = 40 mA, Ci = 0.33
µF, Co = 0.1 µF,
Tj = 0 to 125
oC for L79L05AC,Tj = -40 to 125 oC for L79L05AB, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Tj =25
oC-4.8
-5
-5.2
V
Vo
Output Voltage
Io = 1 to 40 mA
Vi = -7 to -20 V
Io = 1 to 70 mA
Vi = -10 V
-4. 75
-4. 75
-5.25
-5.25
V
V
∆Vo
Line Regulation
Vi =-7 to -20 V
Tj =25
oC
Vi =-8 to -20 V
Tj =25
oC
150
100
mV
mV
∆Vo
Load Regulation
Io = 1 to 100 mA
Tj =25
oC
Io = 1 to 40 mA
Tj =25
oC
60
30
mV
mV
Id
Quiescent Current
Tj =25
oC
Tj = 125
oC
6
5.5
mA
mA
∆Id
Quiescent Current Change
Io = 1 to 40 mA
0.1
mA
∆Id
Quiescent Current Change
Vi =-8 to -20 V
1.5
mA
eN
Output Noise Voltage
B = 10Hz to 100KHz Tj =25
oC40
µV
SVR
Supply Voltage Rejection
Io = 40 mA f = 120 Hz Tj =25
oC
Vi =-8 to -18 V
41
49
dB
Vd
Dropout Voltage
1.7
V
ELECTRICAL CHARACTERISTICS FOR L79L06AB AND L79L06AC
(refer to the test circuits, Vi = -12V, Io = 40 mA, Ci = 0.33
µF, Co = 0.1 µF,
Tj = 0 to 125
oC for L79L06AC,Tj = -40 to 125 oC for L79L06AB, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Tj =25
oC
-5. 76
-6
-6.24
V
Vo
Output Voltage
Io = 1 to 40 mA
Vi = -8.5 to -20 V
Io = 1 to 70 mA
Vi = -12 V
-5.7
-5.7
-6.3
-6.3
V
V
∆Vo
Line Regulation
Vi = -8.5 to -20 V
Tj =25
oC
Vi =-9 to -20 V
Tj =25
oC
150
100
mV
mV
∆Vo
Load Regulation
Io = 1 to 100 mA
Tj =25
oC
Io = 1 to 40 mA
Tj =25
oC
60
30
mV
mV
Id
Quiescent Current
Tj =25
oC
Tj = 125
oC
6
5.5
mA
mA
∆Id
Quiescent Current Change
Io = 1 to 40 mA
0.1
mA
∆Id
Quiescent Current Change
Vi =-9 to -20 V
1.5
mA
eN
Output Noise Voltage
B = 10Hz to 100KHz Tj =25
oC50
µV
SVR
Supply Voltage Rejection
Io = 40 mA f = 120 Hz Tj =25
oC
Vi =-9 to -20 V
39
46
dB
Vd
Dropout Voltage
1.7
V
L79L00
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com