công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L79L08ACU bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện L79L08ACU
Giải thích chi tiết về linh kiện  NEGATIVE VOLTAGE REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L08ACU bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  L79L08ACU Datasheet HTML 1Page - STMicroelectronics L79L08ACU Datasheet HTML 2Page - STMicroelectronics L79L08ACU Datasheet HTML 3Page - STMicroelectronics L79L08ACU Datasheet HTML 4Page - STMicroelectronics L79L08ACU Datasheet HTML 5Page - STMicroelectronics L79L08ACU Datasheet HTML 6Page - STMicroelectronics L79L08ACU Datasheet HTML 7Page - STMicroelectronics L79L08ACU Datasheet HTML 8Page - STMicroelectronics L79L08ACU Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
L79L00
SERIES
NEGATIVE VOLTAGE REGULATORS
®
December 1999
s
OUTPUT CURRENT UP TO 100 mA
s
OUTPUT VOLTAGES OF-5; -6; -8; -9; -12;
-15V
s
THERMAL OVERLOAD PROTECTION
s
SHORT CIRCUIT PROTECTION
s
NO EXTERNAL COMPONENTS ARE
REQUIRED
s
AVAILABLE IN EITHER
± 5% (AC) OR ± 10%
(C) SELECTION
DESCRIPTION
The L79L00 series of three-terminal positive
regulators employ internal current limiting and
thermal
shutdown, making them
essentially
indestructible. If adequate heatsink is provided,
they can deliver up to 100 mA output current.
They are intended as fixed voltage regulators in a
wide range of applications including local or
on-card regulation for elimination of noise and
distribution problems associated with single-point
regulation. In addition, they can be used with
power pass elements to make high-current
voltage regulators.
The L79L00 series used as Zener diode/resistor
combination replacement, offers an effective
BLOCK DIAGRAM
SO-8
TO-92
output impedance improvement of typically two
orders of magnetude, along with lower quiescent
current and lower noise.
SOT-89
1/13


Số phần tương tự - L79L08ACU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
L79L08ACUTR STMICROELECTRONICS-L79L08ACUTR Datasheet
705Kb / 22P
Negative voltage regulators
04-Dec-2007
logo
SYC Electronica
L79L08ACUTR SYC-L79L08ACUTR Datasheet
680Kb / 22P
Negative voltage regulators
More results

Mô tả tương tự - L79L08ACU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
Negative-Voltage Regulators
logo
Texas Instruments
MC79L00 TI-MC79L00_08 Datasheet
324Kb / 13P
NEGATIVE-VOLTAGE REGULATORS
logo
Torex Semiconductor
XC62K TOREX-XC62K_1 Datasheet
1Mb / 17P
Negative Voltage Regulators
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
Negative voltage regulators
05-Dec-2007
L7905C STMICROELECTRONICS-L7905C_08 Datasheet
402Kb / 21P
Negative voltage regulators
15-Jul-2008
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
Negative voltage regulators
15-May-2012
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
Negative voltage regulators
29-Jul-2009
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
NEGATIVE-VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com