công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L4P5CEU3P bảng dữ liệu(PDF) 50 Page - STMicroelectronics

tên linh kiện STM32L4P5CEU3P
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3P bảng dữ liệu(HTML) 50 Page - STMicroelectronics

Back Button STM32L4P5CEU3P Datasheet HTML 46Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 47Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 48Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 49Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 50Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 51Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 52Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 53Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 311 page
background image
Functional overview
STM32L4P5xx
50/311
DS12903 Rev 2
3.25
Operational amplifier (OPAMP)
The devices embed two operational amplifiers with external or internal follower routing and
PGA capability.
The operational amplifier features:
•
Low input bias current
•
Low offset voltage
•
Low-power mode
•
Rail-to-rail input
3.26
Digital filter for sigma-delta modulators (DFSDM)
The STM32L4P5xx devices embed one DFSDM with two digital filters modules and four
external input serial channels (transceivers) or alternately four internal parallel inputs
support.
The DFSDM peripheral is dedicated to interface the external Σ∆ modulators to the
microcontroller and then to perform digital filtering of the received data streams (which
represent analog value on Σ∆ modulators inputs).
The DFSDM can also interface the PDM (pulse density modulation) microphones and
perform PDM to PCM conversion and filtering in hardware. The DFSDM features optional
parallel data stream inputs from microcontrollers memory (through DMA/CPU transfers into
DFSDM).
The DFSDM transceivers support several serial interface formats (to support various Σ∆
modulators) and the DFSDM digital filter modules perform digital processing according to
the user’s selected filter parameters with up to 24-bit final ADC resolution.
The DFSDM peripheral supports:
•
4 multiplexed input digital serial channels:
–
Configurable SPI interface to connect various SD modulator(s)
–
Configurable Manchester coded 1 wire interface support
–
PDM (pulse density modulation) microphone input support
–
Maximum input clock frequency up to 20 MHz (10 MHz for Manchester coding)
–
Clock output for SD modulator(s): 0..20 MHz
•
Alternative inputs from 8 internal digital parallel channels (up to 16-bit input resolution):
–
Internal sources: device memory data streams (DMA)
•
2 digital filter modules with adjustable digital signal processing:
–Sincx filter: filter order/type (1..5), oversampling ratio (up to 1..1024)
–
Integrator: oversampling ratio (1..256)
•
Up to 24-bit output data resolution, signed output data format
•
Automatic data offset correction (offset stored in register by user)
•
Continuous or single conversion
•
Start-of-conversion triggered by:
–
Software trigger
–
Internal timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com