công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IP6821 bảng dữ liệu(PDF) 5 Page - Injoinic Technology Co.,Ltd.

tên linh kiện IP6821
Giải thích chi tiết về linh kiện  Wireless Charging Transmitter Control SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INJOINIC [Injoinic Technology Co.,Ltd.]
Trang chủ  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6821 bảng dữ liệu(HTML) 5 Page - Injoinic Technology Co.,Ltd.

  IP6821 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
IP6821
V1.00
http://www.injoinic.com/
5 / 13
Copyright © 2023, Injoinic Corp.
7 Functional Block Diagram
Figure 3
IP6821 Functional Block Diagram
8 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
Parameters
Symbol
Min
Max
Unit
Input Voltage Range
VIN, DRV1H, DRV2H
-0.3
15
V
-0.3
8
V
CC1, CC2, DP, DM
-0.3
8
V
ISNS, VDEM, VCOIL
-0.3
8
V
LED1, LED2
-0.3
8
V
Junction Temperature Range
TJ
-40
125
℃
Storage Temperature Range
Tstg
-55
150
℃
Package Thermal Resistance
(
JunctionTemperature to
environment)
θJA
124
℃/W
Human Body Model (HBM)
ESD
4
KV
* Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to
Absolute Maximum Rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13