| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE49SRC8 bảng dữ liệu(PDF) 29 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE49SRC8 bảng dữ liệu(HTML) 29 Page - Infineon Technologies AG |
|
29 / 40 page ![]() 5.3 Programming characteristics Sensor ID The sensor has an electrically stored ID which allows unique tracking after production. Customer ID Customer specific data, e.g. customer module ID, can be written in the EEPROM via SICI interface. SICI programming SPC The sensor can be programmed in a configuration of up to 4 bus participants on the same SPC bus line and the same supply. The sensor output pin is tristate, if it was not addressed for communication. 5.3.1 Calibration and Look-Up-Table (LUT) The sensor allows configuration of 32 equidistant calibration points or 16 freely programmable calibration points, as shown at the below figures: Input LSB16 eep_mpc_lut_1 eep_mpc_lut_2 eep_mpc_lut_30 eep_mpc_lut_31 eep_mpc_lut_0 eep_mpc_lut_3 Figure 16 32 equidistant calibration points TLE49SR Datasheet 5 Specific module descriptions Datasheet 29 Rev. 1.1.1 2024-03-13 |