| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE49SRS8 bảng dữ liệu(PDF) 20 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE49SRS8 bảng dữ liệu(HTML) 20 Page - Infineon Technologies AG |
|
20 / 40 page ![]() D1 D2 D3 RC TEMP1 4 bits description status information 12-16 bits MSBs description Data Payload 3 data nibbles: 12 bit 4 data nibbles 16 bit (optional) SYNC STATUS CRC description CRC calculation for all nibbles seed value: 0101 polynomial: X4+X3 +X2+1 8 bits description Temperature (optional) 2 temperature nibbles: 8 bit TEMP2 D4 MSBs 4 bits description Rolling Counter (optional) Starting value MSBs 1111 1110 : : End value 0000 D1 D2 D3 RC TEMP1 SYNC STATUS CRC TEMP2 16 bit data, temperature, rolling counter, CRC 12 bit data, temperature, rolling counter, CRC D1 D2 D3 RC SYNC STATUS CRC 12 bit data, rolling counter, CRC D1 D2 D3 RC SYNC STATUS CRC D4 16 bit data, rolling counter, CRC D1 D2 D3 TEMP1 SYNC STATUS CRC TEMP2 D4 16 bit data, temperature, CRC D1 D2 D3 TEMP1 SYNC STATUS CRC TEMP2 12 bit data, temperature, CRC D1 D2 D3 SYNC STATUS CRC D4 16 bit data, CRC D1 D2 D3 SYNC STATUS CRC 12 bit data, CRC Figure 12 SENT frame options TLE49SR Datasheet 5 Specific module descriptions Datasheet 20 Rev. 1.1.1 2024-03-13 |