công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L4P5CEI6P bảng dữ liệu(PDF) 17 Page - STMicroelectronics

tên linh kiện STM32L4P5CEI6P
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI6P bảng dữ liệu(HTML) 17 Page - STMicroelectronics

Back Button STM32L4P5CEI6P Datasheet HTML 13Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 14Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 15Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 16Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 17Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 18Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 19Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 20Page - STMicroelectronics STM32L4P5CEI6P Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 311 page
background image
DS12903 Rev 2
17/311
STM32L4P5xx
Description
18
HASH (SHA-256)
Yes
GPIOs(8)
Wakeup pins
Nb of I/Os down to 1.08 V
38
3
0
52
4
0
83(9)
5
0
110
5
14
115
5
14
136
5
14
Capacitive sensing
Number of channels
921
24
12-bit ADCs
Number of channels
2
10
16
16
16
16
16
12-bit DAC channels
2
Internal voltage reference
buffer
Yes
Analog comparator
2
Operational amplifiers
2
Max. CPU frequency
120 MHz
Operating voltage (VDD)
1.71 to 3.6 V
Operating voltage (VDD12)
1.00 to 1.32 V
Operating temperature
Ambient operating temperature: -40 to 85 °C / -40 to 125 °C
Packages
UFQFPN48/
LQFP48
LQFP64
LQFP100/
WLCSP100
UFBGA132
LQFP144
UFBGA169
1. For the LQFP100 package, only FMC bank1 and NAND bank are available. Bank1 can only support a multiplexed
NOR/PSRAM memory using the NE1 chip select.
2. When multiplexed mode is enabled two OCTOSPIs are available, otherwise only one OCTOSPI is available, for further
details on multiplexed mode refer to the RM0432 reference manual.
3. For 48-pin and 64-pin packages only 1x UART is available.
4. For 48 pins packages only one SDMMC2 with SDIO 4-bits is available. SDMMC1 and SDMMC2 are available for packages
starting from 64 pins.
5. DCMI is available on devices with packages starting from 64-pin.
6. PSSI is available on devices with packages starting from 64-pin.
7. For 48-pin and 64-pin packages, only RGB222 parallel output is supported.
8. When an SMPS package type is used, two GPIOs are replaced by VDD12 pins to connect the SMPS power supplies hence
the available GPIOs number is reduced by two.
9. 81 GPIOs available for WLCSP100 package.
Table 2. STM32L4P5xx features and peripheral counts (continued)
Peripheral
STM32L4
P5CG/P5CE
(48 pins)
STM32L4
P5RG/P5RE
(64 pins)
STM32L4
P5VG/P5VE
(100 pins)
STM32L4
P5QG/P5QE
(132 pins)
STM32L4
P5ZG/P5ZE
(144 pins)
STM32L4
P5AG/P5AE
(169 pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com