công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP1184 bảng dữ liệu(PDF) 4 Page - Diodes Incorporated

tên linh kiện AP1184
Giải thích chi tiết về linh kiện  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1184 bảng dữ liệu(HTML) 4 Page - Diodes Incorporated

  AP1184_08 Datasheet HTML 1Page - Diodes Incorporated AP1184_08 Datasheet HTML 2Page - Diodes Incorporated AP1184_08 Datasheet HTML 3Page - Diodes Incorporated AP1184_08 Datasheet HTML 4Page - Diodes Incorporated AP1184_08 Datasheet HTML 5Page - Diodes Incorporated AP1184_08 Datasheet HTML 6Page - Diodes Incorporated AP1184_08 Datasheet HTML 7Page - Diodes Incorporated AP1184_08 Datasheet HTML 8Page - Diodes Incorporated AP1184_08 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP1184
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1184 Rev. 4
4 of 12
MARCH 2008
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
( Under Operating Conditions )
Unless otherwise specified, these specifications apply over, Cin = 1uF, Cout = 10uF, and Tj = 0 to 150
oC. Typical value refer to TA = 25oC.
Vout = Vsense
Sym.
Parameter
Test Condition
Min.
Typ.
Max. Unit
VREF Reference Voltage
AP1184-Adj
Io =10mA, TA = 25
oC, (V
in-Vout) = 0.7V,
Vctrl = VIN+1V
1.225 1.250
1.275
V
Line Regulation
AP1184-XXX
IO = 10mA, VOUT+0.7V<VIN<12V, TA = 25
oC
Vctrl = VIN+1V
0.2
%
AP1184-1.5
IOUT = 10mA, TA = 25
oC, 2.2V V
IN
12V
Vctrl = VIN+1V
1.470 1.500
1.530
V
AP1184-1.8
IOUT = 10mA, TA = 25
oC, 2.5V V
IN
12V
Vctrl = VIN+1V
1.764 1.800
1.836
V
AP1184-2.5
IOUT = 10mA, TA = 25
oC, 3.2V V
IN
12V
Vctrl = VIN+1V
2.450 2.500
2.550
V
AP1184-3.3
IOUT = 10mA, TA = 25
oC, 4.0V V
IN
12V
Vctrl = VIN+1V
3.235 3.300
3.365
V
Vout
Output Voltage
AP1184-5.0
IOUT = 10mA, TA = 25
oC, 5.7V V
IN
12V
Vctrl = VIN+1V
4.900 5.000
5.100
V
AP1184-Adj
0mA<Io<4A, TA= 25
oC
(VIN - VOUT) =2V ,Vctrl = VIN + 1V
1
%
AP1184-1.5
VIN = 3V, 0mA<Io<4A, TA = 25
oC
Vctrl = 4V
12
15
mV
AP1184-1.8
VIN = 3.3V, 0mA<Io<4A, TA = 25
oC
Vctrl = 4.3V
15
18
mV
AP1184-2.5
VIN = 4V, 0mA<Io<4A, TA = 25
oC
Vctrl = 5V
20
25
mV
AP1184-3.3
VIN = 5V, 0mA<Io<4A, TA = 25
oC
Vctrl = 6V
26
33
mV
Load
Regulation
AP1184-5.0
VIN = 8V, 0mA<Io<4A, TA = 25
oC
Vctrl = 9V
40
50
mV
Dropout Voltage
(Vctrl –Vout)
Vadj = 0V for all conditions below.
Vin = 2.05V, Io = 1.5A
Vin = 2.05V, Io = 3A
Vin = 2.05V, Io = 4A
1.10
1.15
1.18
1.25
V
Dropout Voltage
(Vin – Vout)
Vadj = 0V for all conditions below.
Vctrl = 2.75V, Io = 1.5A
Vctrl = 2.75V, Io = 3A
Vctrl =2.75V, Io =4A
0.26
0.50
0.70
0.38
0.60
0.85
V
Current Limit
Vctrl = 2.75V, Vin = 2.05V, ΔVo = 100mV, Vadj = 0V
4.2
A
Minimum Load
Current
Vctrl = 5V, Vin = 3.3V, Vadj = 0V
5
10
mA
Thermal Regulation 30mS Pulse
0.01
0.02
%/W
Ripple Rejection
Vctrl = 5V, Vin = 5V, Io = 4A, Vadj = 0V, Tj = 25, Vripple =1Vpp
at 120Hz
60
70
dB
Control Pin Current
Vadj = 0V for all conditions below.
Vctrl = 2.75V, Vin = 2.05V, Io = 1.5A
Vctrl = 2.75V, Vin = 2.05V, Io = 3A
Vctrl = 2.75V, Vin = 2.05V, Io = 4A
6
30
33
25
60
70
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12