công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD32H757VMJ6 bảng dữ liệu(PDF) 20 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD32H757VMJ6
Giải thích chi tiết về linh kiện  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMJ6 bảng dữ liệu(HTML) 20 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMJ6 Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMJ6 Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMJ6 Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMJ6 Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMJ6 Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMJ6 Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMJ6 Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMJ6 Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMJ6 Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 151 page
background image
GD32H757xx Datasheet
19
Pre-defined
Regions
Bus
Address
Peripherals
0x4002 0800 - 0x4002 0BFF
DMAMUX
0x4002 0400 - 0x4002 07FF
DMA1
0x4002 0000 - 0x4002 03FF
DMA0
APB2
0x4001 F400 - 0x4001 FFFF
Reserved
0x4001 F000 - 0x4001 F3FF
TIMER44
0x4001 DC00 - 0x4001 DFFF
TIMER43
0x4001 D800 - 0x4001 DBFF
TIMER42
0x4001 D400 - 0x4001 D7FF
TIMER41
0x4001 D000 - 0x4001 D3FF
TIMER40
0x4001 C000 - 0x4001 CFFF
CAN2(4KB)
0x4001 B000 - 0x4001 BFFF
CAN1(4KB)
0x4001 A000 - 0x4001 AFFF
CAN0(4KB)
0x4001 8C00 - 0x4001 9FFF
Reserved
0x4001 8800 - 0x4001 8BFF
EDOUT
0x4001 8400 - 0x4001 87FF
TRIGSEL
0x4001 8000 - 0x4001 83FF
Reserved(APB2)
0x4001 7C00 - 0x4001 7FFF
Reserved
0x4001 7800 - 0x4001 7BFF
Reserved
0x4001 7400 - 0x4001 77FF
Reserved
0x4001 7000 - 0x4001 73FF
HPDF
0x4001 6C00 - 0x4001 6FFF
Reserved
0x4001 6800 - 0x4001 6BFF
Reserved
0x4001 6400 - 0x4001 67FF
Reserved
0x4001 6000 - 0x4001 63FF
SAI2
0x4001 5C00 - 0x4001 5FFF
SAI1
0x4001 5800 - 0x4001 5BFF
SAI0
0x4001 5400 - 0x4001 57FF
Reserved
0x4001 5000 - 0x4001 53FF
SPI4
0x4001 4C00 - 0x4001 4FFF
Reserved
0x4001 4800 - 0x4001 4BFF
TIMER16
0x4001 4400 - 0x4001 47FF
TIMER15
0x4001 4000 - 0x4001 43FF
TIMER14
0x4001 3C00 - 0x4001 3FFF
Reserved
0x4001 3800 - 0x4001 3BFF
SPI5/I2S5
0x4001 3400 - 0x4001 37FF
SPI3
0x4001 3000 - 0x4001 33FF
SPI0/I2S0
0x4001 2C00 - 0x4001 2FFF
ADC2
0x4001 2800 - 0x4001 2BFF
ADC1
0x4001 2400 - 0x4001 27FF
ADC0
0x4001 2000 - 0x4001 23FF
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More