công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD32H757VGJ6 bảng dữ liệu(PDF) 52 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD32H757VGJ6
Giải thích chi tiết về linh kiện  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VGJ6 bảng dữ liệu(HTML) 52 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VGJ6 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VGJ6 Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 151 page
background image
GD32H757xx Datasheet
51
BGA100
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
EVENTOUT
PA8
D9
I/O
Default: PA8
Alternate: CK_OUT0, TIMER0_CH0, TIMER7_BRKIN2,
I2C2_SCL, USART0_CK, USBHS0_SOF, UART6_RX,
CMP_MUX_OUT1, TLI_B3, TLI_R6, EVENTOUT
PA9
C9
I/O
5VT
Default: PA9
Alternate: TIMER0_CH1, I2C2_SMBA, SPI1_SCK, I2S1_CK,
USART0_TX, TRIGSEL_IN13, DCI_D0, TLI_R5, EVENTOUT
Additional: USBHS0_VBUS
PA10
D10
I/O
5VT
Default: PA10
Alternate: TIMER0_CH2, USART0_RX, TRIGSEL_IN12,
USBHS0_ID, MDIO, TLI_B4, DCI_D1, TLI_B1, EVENTOUT
USBHS0_
DM
C10
I/O
Default: USBHS0_DM(3)
USBHS0_
DP
B10
I/O
Default: USBHS0_DP(3)
PA13
A10
I/O
Default: JTMS, SWDIO, PA13
Alternate: TIMER0_BRKIN1, TIMER7_BRKIN1, SPI1_NSS,
I2S1_WS, UART3_RX, USART0_CTS, CAN0_RX,
MDIO_A3, EXMC_INT, TRIGSEL_IN10, TLI_R4,
EVENTOUT
VCORE
E7
P
-
Default: VCORE
VSS
E5
P
-
Default: VSS
PA14
A9
I/O
Default: JTCK, SWCLK, PA14
Alternate: TLI_G7, SPI1_SCK, I2S1_CK, UART3_TX,
USART0_RTS, USART0_DE, SAI1_FS1, CAN0_TX,
MDIO_A4, TIMER0_BRKIN2, TRIGSEL_IN11, TLI_R5,
EVENTOUT
PA15
A8
I/O
Default: JTDI, PA15
Alternate: TIMER1_CH0, TIMER1_ETI, SPI0_NSS,
I2S0_WS, SPI2_NSS, I2S2_WS, SPI5_NSS, I2S5_WS,
UART3_RTS, UART3_DE, TLI_R3, UART6_TX, MDIO_A0,
TRIGSEL_OUT0, TLI_B6, EVENTOUT
PC10
B9
I/O
Default: PC10
Alternate: TIMER0_CH3, HPDF_CKIN5, SPI2_SCK,
I2S2_CK, USART2_TX, UART3_TX, OSPIM_P0_IO1,
TLI_B1, MDIO_A1, SDIO0_D2, DCI_D8, TLI_R2,
EVENTOUT
PC11
B8
I/O
Default: PC11
Alternate: TIMER0_ETI, HPDF_DATAIN5, SPI2_MISO,
USART2_RX, UART3_RX, OSPIM_P0_CSN, EXMC_NBL2,
MDIO_A2, SDIO0_D3, DCI_D4, TLI_B4, EVENTOUT
PC12
C8
I/O
Default: PC12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More