công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C-15-002-R-SSC2I bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện C-15-002-R-SSC2I
Giải thích chi tiết về linh kiện  1550nm 2.5Gbps Laser Diode Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

C-15-002-R-SSC2I bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

  C-15-002-R-SSC2I Datasheet HTML 1Page - List of Unclassifed Manufacturers C-15-002-R-SSC2I Datasheet HTML 2Page - List of Unclassifed Manufacturers C-15-002-R-SSC2I Datasheet HTML 3Page - List of Unclassifed Manufacturers C-15-002-R-SSC2I Datasheet HTML 4Page - List of Unclassifed Manufacturers C-15-002-R-SSC2I Datasheet HTML 5Page - List of Unclassifed Manufacturers C-15-002-R-SSC2I Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Luminent’s sole and absolute discretion. Luminent warrants perfor-
mance of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as
“preliminary” are given to describe components only, and Luminent expressly disclaims any and all warranties for said products, including express, implied,
and statutory warranties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the
company’s Terms and Conditions of Sale for further warranty information.
Luminent assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intel-
lectual property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and
Luminent makes no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights.
Products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury or
death to persons. Luminent customers using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify
Luminent for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that Luminent is not liable for any actual, con-
sequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
Luminent to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2006
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended.
Follow guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
6
1550nm 2.5Gbps Laser Diode Module
C-15-002-XX-SXXXX/XXX-X-XX
LUMNDS528-JUN2606
rev. A.1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
Warnings
Legal Notice
Ordering Information
G5 = RoHS 5/6-compliant product (lead exemption)
GR = Full RoHS compliant product (no exemption)
-/G5/GR
Blank = RoHS non-compliant product
RoHS Compliant
C-15-002-XX-SXXXX/XXX-X-XX
Pin Assignment
"-" =A Type
D =DType
P=Pigtail
T=TOSA
R=Receptacle
Package
Wavelength
15=1550nm
- = PC Fiber
Flange type (-;O;V;K)
APC = APC Fiber
L/M/H/2
FC/ST/SC/MU/LC/-
Connector
Fiber Output Power
"I" = Isolator
"-" = No isolator
B =B Type



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com