công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L7818CT bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện L7818CT
Giải thích chi tiết về linh kiện  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7818CT bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button L7818CT Datasheet HTML 7Page - STMicroelectronics L7818CT Datasheet HTML 8Page - STMicroelectronics L7818CT Datasheet HTML 9Page - STMicroelectronics L7818CT Datasheet HTML 10Page - STMicroelectronics L7818CT Datasheet HTML 11Page - STMicroelectronics L7818CT Datasheet HTML 12Page - STMicroelectronics L7818CT Datasheet HTML 13Page - STMicroelectronics L7818CT Datasheet HTML 14Page - STMicroelectronics L7818CT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
L7800 SERIES
11/34
Table 15: Electrical Characteristics Of L7808C (refer to the test circuits, TJ = 0 to 125°C, VI = 14V,
IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Table 16: Electrical Characteristics Of L7885C (refer to the test circuits, TJ = 0 to 125°C, VI = 14.5V,
IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
7.7
8
8.3
V
VO
Output Voltage
IO = 5 mA to 1 A
PO ≤ 15W
VI = 10.5 to 25 V
7.688.4
V
∆V
O(*)
Line Regulation
VI = 10.5 to 25 V
TJ = 25°C
160
mV
VI = 11 to 17 V
TJ = 25°C
80
∆V
O(*)
Load Regulation
IO = 5 mA to 1.5 A
TJ = 25°C
160
mV
IO = 250 to 750 mA
TJ = 25°C
80
Id
Quiescent Current
TJ = 25°C
8
mA
∆I
d
Quiescent Current Change
IO = 5 mA to 1 A
0.5
mA
VI = 10.5 to 25 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-0.8
mV/°C
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
52
µV/V
O
SVR
Supply Voltage Rejection
VI = 11.5 to 21.5 V
f = 120Hz
56
dB
Vd
Dropout Voltage
IO = 1 A
TJ = 25°C
2
V
RO
Output Resistance
f = 1 KHz
16
m
Ω
Isc
Short Circuit Current
VI = 35 V
TJ = 25°C
0.45
A
Iscp
Short Circuit Peak Current
TJ = 25°C
2.2
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
8.2
8.5
8.8
V
VO
Output Voltage
IO = 5 mA to 1 A
PO ≤ 15W
VI = 11 to 26 V
8.1
8.5
8.9
V
∆V
O(*)
Line Regulation
VI = 11 to 27 V
TJ = 25°C
160
mV
VI = 11.5 to 17.5 V
TJ = 25°C
80
∆V
O(*)
Load Regulation
IO = 5 mA to 1.5 A
TJ = 25°C
160
mV
IO = 250 to 750 mA
TJ = 25°C
80
Id
Quiescent Current
TJ = 25°C
8
mA
∆I
d
Quiescent Current Change
IO = 5 mA to 1 A
0.5
mA
VI = 11 to 27 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-0.8
mV/°C
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
55
µV/V
O
SVR
Supply Voltage Rejection
VI = 12 to 22 V
f = 120Hz
56
dB
Vd
Dropout Voltage
IO = 1 A
TJ = 25°C
2
V
RO
Output Resistance
f = 1 KHz
16
m
Ω
Isc
Short Circuit Current
VI = 35 V
TJ = 25°C
0.45
A
Iscp
Short Circuit Peak Current
TJ = 25°C
2.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com