| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M2N68-LA bảng dữ liệu(PDF) 21 Page - ASUSTeK Computer Inc. |
|
|
|||||||||||||||||||||||||||||
M2N68-LA bảng dữ liệu(HTML) 21 Page - ASUSTeK Computer Inc. |
|
21 / 22 page ![]() M2N68-LA (Narra 3) 17 9. System panel connector (10-1 pin F_PANEL) This connector supports several chassis-mounted functions. M2N68-LA M2N68-LA System panel connector F_PANEL HDLED RESET PWR LED PWR BTN •.. System power LED (2-pin PLED) This 2-pin connector is for the system power LED. Connect the chassis power LED cable to this connector. The system power LED lights up when you turn on the system power, and blinks when the system is in sleep mode. •. Hard disk drive activity LED (2-pin HDLED) This 2-pin connector is for the HDD Activity LED. Connect the HDD Activity LED cable to this connector. The IDE LED lights up or flashes when data is read from or written to the HDD. •. ATX power button/soft-off button (2-pin PWR) This connector is for the system power button. Pressing the power button turns the system on or puts the system in sleep or soft-off mode depending on the BIOS settings. Pressing the power switch for more than four seconds while the system is ON turns the system OFF. •. Reset button (2-pin RESET) This 2-pin connector is for the chassis-mounted reset button for system reboot without turning off the system power. |