công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS1685 bảng dữ liệu(PDF) 18 Page - Dallas Semiconductor

tên linh kiện DS1685
Giải thích chi tiết về linh kiện  3V/5V Real-Time Clocks
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DALLAS [Dallas Semiconductor]
Trang chủ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1685 bảng dữ liệu(HTML) 18 Page - Dallas Semiconductor

Back Button DS1685 Datasheet HTML 14Page - Dallas Semiconductor DS1685 Datasheet HTML 15Page - Dallas Semiconductor DS1685 Datasheet HTML 16Page - Dallas Semiconductor DS1685 Datasheet HTML 17Page - Dallas Semiconductor DS1685 Datasheet HTML 18Page - Dallas Semiconductor DS1685 Datasheet HTML 19Page - Dallas Semiconductor DS1685 Datasheet HTML 20Page - Dallas Semiconductor DS1685 Datasheet HTML 21Page - Dallas Semiconductor DS1685 Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
18 of 39
Figure 4. Update-Ended And Periodic-Interrupt Relationship
EXTENDED FUNCTIONS
The extended functions provided by the DS1685/DS1687 that are new to the RAMified RTC family are accessed by
a software-controlled bank-switching scheme, as illustrated in Figure 5. In bank 0, the clock/calendar registers and
50 bytes of user RAM are in the same locations as for the DS1287. As a result, existing routines implemented
within BIOS, DOS, or application software packages can gain access to the DS1685/DS1687 clock registers with
no changes. Also in bank 0, an extra 64 bytes of RAM are provided at addresses just above the original locations
for a total of 114 directly addressable bytes of user RAM.
tPI = PERIODIC INTERRUPT TIME INTERNAL PER TABLE 3.
tBUC = DELAY BEFORE UPDATE CYCLE = 244
µs.
UIP
UF
PF
1 second
t
PI
tPI/2
tBUC
tPI/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39