công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY7C017AV-20JC bảng dữ liệu(PDF) 17 Page - Cypress Semiconductor

tên linh kiện CY7C017AV-20JC
Giải thích chi tiết về linh kiện  3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C017AV-20JC bảng dữ liệu(HTML) 17 Page - Cypress Semiconductor

Back Button CY7C017AV-20JC Datasheet HTML 12Page - Cypress Semiconductor CY7C017AV-20JC Datasheet HTML 13Page - Cypress Semiconductor CY7C017AV-20JC Datasheet HTML 14Page - Cypress Semiconductor CY7C017AV-20JC Datasheet HTML 15Page - Cypress Semiconductor CY7C017AV-20JC Datasheet HTML 16Page - Cypress Semiconductor CY7C017AV-20JC Datasheet HTML 17Page - Cypress Semiconductor CY7C017AV-20JC Datasheet HTML 18Page - Cypress Semiconductor CY7C017AV-20JC Datasheet HTML 19Page - Cypress Semiconductor CY7C017AV-20JC Datasheet HTML 20Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
CY7C138AV/144AV/006AV
CY7C139AV/145AV/016AV
CY7C007AV/017AV
Document #: 38-06051 Rev. *C
Page 17 of 20
Ordering Information
Package Availability Guide
Device
Organization
68-Pin PLCC
64-Pin TQFP
CY7C138AV
4K x 8
X
CY7C139AV
4K x 9
X
CY7C144AV
8K x 8
X
X
CY7C145AV
8K x 9
X
CY7C006AV
16K x 8
X
X
CY7C016AV
16K x 9
X
CY7C007AV
32K x 8
X
CY7C017AV
32K x 9
X
4K x8 3.3V Asynchronous Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
20
CY7C138AV–20JC
J81
68-Pin Plastic Leaded Chip Carrier
Commercial
25
CY7C138AV–25JC
J81
68-Pin Plastic Leaded Chip Carrier
Commercial
4K x9 3.3V Asynchronous Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
20
CY7C139AV–20JC
J81
68-Pin Plastic Leaded Chip Carrier
Commercial
25
CY7C139AV–25JC
J81
68-Pin Plastic Leaded Chip Carrier
Commercial
8K x8 3.3V Asynchronous Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
20
CY7C144AV–20AC
A65
64-Pin Thin Quad Flat Pack
Commercial
CY7C144AV–20JC
J81
68-Pin Plastic Leaded Chip Carrier
25
CY7C144AV–25AC
A65
64-Pin Thin Quad Flat Pack
Commercial
CY7C144AV-25AXC
A65
64-Pin Pb-Free Thin Quad Flat Pack
CY7C144AV–25JC
J81
68-Pin Plastic Leaded Chip Carrier
CY7C144AV-25JXC
J81
68-Pin Pb-Free Plastic Leaded Chip Carrier
8K x9 3.3V Asynchronous Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
20
CY7C145AV–20JC
J81
68-Pin Plastic Leaded Chip Carrier
Commercial
25
CY7C145AV–25JC
J81
68-Pin Plastic Leaded Chip Carrier
Commercial
16K x8 3.3V Asynchronous Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
20
CY7C006AV–20AC
A65
64-Pin Thin Quad Flat Pack
Commercial
CY7C006AV–20JC
J81
68-Pin Plastic Leaded Chip Carrier
25
CY7C006AV–25AC
A65
64-Pin Thin Quad Flat Pack
Commercial
CY7C006AV-25AXC
A65
64-Pin Pb-Free Thin Quad Flat Pack
CY7C006AV–25JC
J81
68-Pin Plastic Leaded Chip Carrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com