công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BLADEKIT bảng dữ liệu(PDF) 1 Page - HellermannTyton.

tên linh kiện BLADEKIT
Giải thích chi tiết về linh kiện  Application Tooling for Cable Ties
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HELLERMANNTYTON [HellermannTyton.]
Trang chủ  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

BLADEKIT bảng dữ liệu(HTML) 1 Page - HellermannTyton.

  BLADEKIT Datasheet HTML 1Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6.2
554
Further information at www.HellermannTyton.com/tools
Application Tooling
Application Tooling for Cable Ties
Features and benefits
• Ergonomic, slip-proof handle for a comfortable and secure grip
• Extremely low maintenance
• Fast and precise application with minimum effort (TLC mechanism)
• Convenient and simple tension adjustment
• Extended, slim nose for use in narrow spaces
• Housing made of resilient and lightweight glass fibre-reinforced polyester
• Standard grip span (90 mm) and short grip span (80 mm) available
Manual tensioning tool plastic housing
The EVO7: Maximum performance with minimum effort.
EVO7 up to 4.8 mm strap width
TYPE
Description
Strap Width
max.
Strap Thickness
max.
Weight
Article-No.
EVO7
EVO7
4.8
1.5
0.28 kg
110-70129
EVO7SP
EVO7SP
4.8
1.5
0.28 kg
110-70130
BLADEKIT
Blade-Kit
-
-
-
110-70106
All dimensions in mm. Subject to technical changes.
For product specific approvals and specifications please refer to the Appendix.
The EVO9 is available in a standard grip span 90 mm (EVO9) or short grip
span 80 mm (EVO9SP), for smaller hands. Both tools perform between
53N and 307N. The EVO9HT is the “high tension“ version of the EVO9
family. Developed for maximum tensile strength this tool performs
between 120N and more than 516N. The EVO9 family was designed to
apply HellermannTyton cable ties with a maximum width of 13 mm.
Features and benefits
• Standard grip span (90 mm) and short grip span (80 mm) available
• Ergonomic, slip-proof handle for a comfortable and secure grip
• Extremely low maintenance
• Fast and precise application with minimum effort (TLC mechanism)
• Convenient and simple tension adjustment
• Integrated 3 position quick adjustment override
• Housing made of resilient and lightweight glass fibre-reinforced polyester
Manual tensioning tool plastic housing
The EVO9 with TLC-Technology.
EVO9 up to 13 mm strap width
TYPE
Description
Strap Width
max.
Strap Thickness
max.
Weight
Article-No.
EVO9
EVO9
13.5
2.0
0.36 kg
110-80002
EVO9SP
EVO9SP
13.5
2.0
0.36 kg
110-80003
EVO9HT
EVO9HT
13.5
2.0
0.36 kg
110-80017
Replacement Blade
EVO9 Blade
-
-
-
110-80037
All dimensions in mm. Subject to technical changes.
HellermannTyton's EVO7 mechanical hand tool was ergonomically
designed to reduce the risks of repetitive stress injuries to operators
while concurrently increasing productivity. The EVO7 Tension/Lock/Cut
Technology delivers performance, safety and comfort for the operators.
Available in a standard grip span (EVO7) or short grip span (EVO7SP), for
smaller hands. Additional accessories are available.


Số phần tương tự - BLADEKIT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HellermannTyton.
BLADEKIT HELLERMANNTYTON-BLADEKIT Datasheet
188Kb / 1P
Application Tooling for Cable Ties
January 2014
More results

Mô tả tương tự - BLADEKIT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SJ4F-71GF-M3.0 ETC2-SJ4F-71GF-M3.0 Datasheet
224Kb / 8P
APPLICATION TOOLING
logo
Molex Electronics Ltd.
69012-0960 MOLEX11-69012-0960 Datasheet
36Kb / 1P
Application Tooling
57823-5000 MOLEX11-57823-5000 Datasheet
23Kb / 1P
Application Tooling
57824-5000 MOLEX11-57824-5000 Datasheet
24Kb / 1P
Application Tooling
0634441004 MOLEX11-0634441004 Datasheet
26Kb / 1P
Application Tooling
0634441216 MOLEX11-0634441216 Datasheet
28Kb / 1P
Application Tooling
0634441425 MOLEX11-0634441425 Datasheet
26Kb / 1P
Application Tooling
0634460705 MOLEX11-0634460705 Datasheet
54Kb / 1P
Application Tooling
0690080229 MOLEX11-0690080229 Datasheet
35Kb / 1P
Application Tooling
logo
HellermannTyton.
EVO7 HELLERMANNTYTON-EVO7 Datasheet
188Kb / 1P
Application Tooling for Cable Ties
January 2014
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com