công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC6244HVCMS8 bảng dữ liệu(PDF) 15 Page - Linear Technology

tên linh kiện LTC6244HVCMS8
Giải thích chi tiết về linh kiện  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC6244HVCMS8 bảng dữ liệu(HTML) 15 Page - Linear Technology

Back Button LTC6244HVCMS8 Datasheet HTML 11Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 12Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 13Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 14Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 15Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 16Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 17Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 18Page - Linear Technology LTC6244HVCMS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC6244
15
6244f
APPLICATIO S I FOR ATIO
resistance of the particular application. Specifically, these
amplifiers exhibit the noise of a 4k resistor, meaning it is
desirable to keep the source and feedback resistance at or
below this value, i.e., RS + RG||RFB ≤ 4k. Above this total
source impedance, the noise voltage is not dominated by
the amplifier.
Noise current can be estimated from the expression in =
√2qIB, where q = 1.6 • 10
–19 coulombs. Equating √4kTR
Δf
and RS√2qIBΔf shows that for source resistors below
50G
Ω the amplifier noise is dominated by the source
resistance. See the Typical Characteristics curve Noise
Current vs Frequency.
Proprietary design techniques are used to obtain simulta-
neous low 1/f noise and low input capacitance. Low input
capacitance is important when the amplifier is used with
high source and feedback resistors. High frequency noise
from the amplifier tail current source, ITAIL in Figure 1,
couples through the input capacitance and appears across
these large source and feedback resistors.
Stability
The good noise performance of these op amps can be
attributed to large input devices in the differential pair.
Above several hundred kilohertz, the input capacitance
can cause amplifier stability problems if left unchecked.
When the feedback around the op amp is resistive (RF), a
pole will be created with RF, the source resistance, source
capacitance (RS, CS), and the amplifier input capacitance.
In low gain configurations and with RF and RS in even
the kilohm range (Figure 3), this pole can create excess
phase shift and possibly oscillation. A small capacitor CF
in parallel with RF eliminates this problem.
Achieving Low Input Bias Current
The DD package is leadless and makes contact to the PCB
beneath the package. Solder flux used during the attach-
ment of the part to the PCB can create leakage current
paths and can degrade the input bias current performance
of the part. All inputs are susceptible because the backside
paddle is connected to V– internally. As the input voltage
changes or if V– changes, a leakage path can be formed
and alter the observed input bias current. For lowest bias
current, use the LTC6244 in the MS8 package.
Photodiode Amplifiers
Photodiodes can be broken into two categories: large area
photodiodes with their attendant high capacitance (30pF
to 3000pF) and smaller area photodiodes with relatively
low capacitance (10pF or less). For optimal signal-to-noise
performance, a transimpedance amplifier consisting of an
inverting op amp and a feedback resistor is most commonly
used to convert the photodiode current into voltage. In low
noise amplifier design, large area photodiode amplifiers
require more attention to reducing op amp input voltage
noise, while small area photodiode amplifiers require
more attention to reducing op amp input current noise
and parasitic capacitances.
Figure 3. Compensating Input Capacitance
+
–
CIN
CS
6244 F03
RF
RS
OUTPUT
CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com