công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPC1540GS bảng dữ liệu(PDF) 1 Page - Littelfuse

tên linh kiện CPC1540GS
Giải thích chi tiết về linh kiện  Single-Pole, Normally Open OptoMOS® Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1540GS bảng dữ liệu(HTML) 1 Page - Littelfuse

  CPC1540GS Datasheet HTML 1Page - Littelfuse CPC1540GS Datasheet HTML 2Page - Littelfuse CPC1540GS Datasheet HTML 3Page - Littelfuse CPC1540GS Datasheet HTML 4Page - Littelfuse CPC1540GS Datasheet HTML 5Page - Littelfuse CPC1540GS Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1540-R05
1
CPC1540
Single-Pole, Normally Open OptoMOS® Relay
with Integrated Current Limit and Thermal Shutdown
Part #
Description
CPC1540G
6-Pin DIP (50/Tube)
CPC1540GS
6-Pin Surface Mount (50/Tube)
CPC1540GSTR
6-Pin Surface Mount, Tape & Reel (1000/Reel)
Parameter
Rating
Units
Load Voltage
350
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
25
Input Control Current
2
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Integrated Active Current-Limit Protection
• Thermal Shutdown
• Guaranteed Turn-On: 2mA Input Control Current
• 350V
P Blocking Voltage
• 3750V
rms Input/Output Isolation
• Small Surface Mount Package
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
Switching Characteristics of
Normally Open Devices
Approvals
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
The CPC1540 is a normally open (1-Form-A) Solid
State Relay with an integrated current limit feature
that can replace electromechanical relays while
enhancing the robustness of wireline-interface
applications.
Designed specifically to target the hook switch
telephony market, the CPC1540 has a load voltage
rating of 350V.
The relay is constructed using an efficient infrared
LED for actuation control and an integrated
monolithic die for the switch output. The die,
fabricated in a high-voltage dielectrically isolated
technology, comprises a photodiode array, switch
control with active current limiting circuitry, and
MOSFET switches. Active current-limit circuitry in
the CPC1540 provides a thermal shutdown feature,
offering excellent power-cross immunity for improved
survivability in harsh environments.
These enhancements greatly improve the robustness
of end systems using this device compared to
systems using relays without the integrated current
limit. In addition, the active current limit circuitry
enables the CPC1540 to pass FCC 68.302 and
other regulatory voltage surge requirements when
adequate overvoltage protection is provided. The
CPC1540 relay may be used in both AC and DC
applications.
• Telphony hook switch
• VoIP gateways, such as VoIP
• IP-PBXs
• Satellite and cable set-top boxes
• V.92 (and other standard) modems
• Fax machines
• Voicemail systems
• Embedded modems for POS terminals,
automated banking, remote metering, vending
machines, security, and surveillance
• Instrumentation
• Medical equipment—Patient/equipment isolation
• Aerospace
• Industrial controls
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1172007
• IEC EN 62368-1: TUV Certificate B 082667 0008


Số phần tương tự - CPC1540GS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IXYS Corporation
CPC1540 IXYS-CPC1540 Datasheet
118Kb / 6P
Single-Pole, Normally Open OptoMOS Relay with Integrated Current Limit and Thermal Shutdown
More results

Mô tả tương tự - CPC1540GS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com