| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9484 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9484 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() 1/8 L9484 February 2003 This is preliminary information on a new product now in development. Details are subject to change without notice. s FOR AIR AND LIQUID COOLED APPLICATIONS s AMBIENT AIR TEMPERATURE (THERMISTOR) COMPENSATED s SPECIAL DEFAULT COMPENSATION CURVE WITH TS-TERMINAL OPEN s COMPENSATION CURVE WITH APPLICATION SPECIFIC RESISTOR ON TS s THERMAL PROTECTION s FIELD DRIVER, LAMP DRIVER, RELAY DRIVER, AND DF (FIELD MONITOR) SHORT CIRCUIT PROTECTED s LOAD RESPONSE CONTROL s SINGLE PHASE AUTOSTART DESCRIPTION The L9484 is a monolithic multifunction generator Voltage regulator intended for use in automotive charging applications. This All Silicon Voltage Regu- lator regulates the output of an automotive generator by controlling the field winding current by means of a variable frequency PWM high side driver. MULTIWATT8 ORDERING NUMBER: L9484 PRODUCT PREVIEW CAR ALTERNATOR VOLTAGE REGULATOR Figure 1. Typical Application SchematicPIN DESCRIPTION 7 6 3 2 8 1 4 NTC |
Số phần tương tự - L9484 |
|
Mô tả tương tự - L9484 |