công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

890404123003CS bảng dữ liệu(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 890404123003CS
Giải thích chi tiết về linh kiện  WCAP-FTY2 Y2/X1 Film Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

890404123003CS bảng dữ liệu(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  890404123003CS Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 890404123003CS Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 890404123003CS Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 890404123003CS Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 890404123003CS Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 890404123003CS Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 890404123003CS Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 890404123003CS Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rated DC Voltage vs. Temperature:
0.0%
20.0%
40.0%
60.0%
80.0%
100.0%
120.0%
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 85 90 95 100 105 110
Temperature [°C]
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
FPu
001.000
2024-11-13
DIN ISO 2768-1m
DESCRIPTION
TECHNICAL REFERENCE
WCAP-FTY2 Y2/X1 Film
Capacitors
MY2P010222K300ACPB45004
ORDER CODE
890404123003CS
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
Pitch 10 mm
eiCap
Valid
3/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation, transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com