| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD4087BBCZ bảng dữ liệu(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD4087BBCZ bảng dữ liệu(HTML) 5 Page - Analog Devices |
|
5 / 92 page ![]() Data Sheet AD4087 SPECIFICATIONS analog.com Rev. 0 | 5 of 92 Table 1. Specifications (Continued) Parameter Test Conditions/Comments Min Typ Max Unit POWER SUPPLIES VDD33 3.135 3.30 3.465 V VDDLDO 1.4 2.7 V VDD11 Applied externally, LDO disabled 1.045 1.10 1.155 V IOVDD Applied externally, LDO disabled 1.045 1.10 1.26 V Operating Current LVDS_CNV_EN = 0 Static Converter and interface idle, FIFO disabled VDD33 5.93 7.4 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 16.4 23 mA IOVDD 5.42 6 mA VDDLDO VDD11 LDO enabled 21.3 26.9 mA Dynamic DC input signal VDD33 11.5 13.2 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 21.1 27.5 mA IOVDD 8.5 10.1 mA VDDLDO VDD11 LDO enabled 27.6 35.5 mA Dynamic −0.5dBFS sine-wave input signal VDD33 10.6 12.3 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 21 28 mA IOVDD 9.0 9.8 mA VDDLDO VDD11 LDO enabled 28 34.5 mA Standby Mode LVDS_SELF_CLK_MODE disabled VDD33 1.4 1.9 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 1.7 4.9 mA IOVDD 60 365 µA VDDLDO VDD11 LDO enabled 1.7 4.8 mA Sleep Mode LVDS_SELF_CLK_MODE disabled VDD33 0.6 0.9 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 1.3 4.5 mA IOVDD 60 370 µA VDDLDO VDD11 LDO enabled 1.3 4.5 mA Power Dissipation Static VDD11 LDO disabled 43.6 59.4 mW Dynamic DC input signal 70.5 90.2 mW Dynamic −0.5dBFS sine-wave input signal 68 87.3 mW Standby Mode VDD11 LDO disabled 6.6 12.7 mW Sleep Mode VDD11 LDO disabled 3.5 8.8 mW TEMPERATURE RANGE Specified Performance TMIN to TMAX −40 +85 °C |