| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD4083 bảng dữ liệu(PDF) 87 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD4083 bảng dữ liệu(HTML) 87 Page - Analog Devices |
|
87 / 94 page ![]() Data Sheet AD4083 CONFIGURATION REGISTERS analog.com Rev. 0 | 87 of 94 GPIO Configuration B Register Address: 0x1A, Reset: 0x00, Name: GPIO_CONFIG_B Figure 130. GPIO Configuration B Register Table 53. Bit Descriptions for GPIO_CONFIG_B Bits Bit Name Description Reset Access [7:4] GPIO_1_SEL GPIO 1 Write Select. 0x0 R/W 0000: Configuration SPI SDO Data. 0001: FIFO Full Flag. 0010: FIFO Read Done Flag. 0011: Filter Result Ready (Active Low). 0100: High Threshold Detect. 0101: Low Threshold Detect. 0110: Status Alert (Active Low). 0111: GPIO Data. 1000: Filter Synchronization Input (Active Low). 1001: External Event Trigger Input for FIFO. 1010: Do not use this setting. [3:0] GPIO_0_SEL GPIO 0 Write Select. 0x0 R/W 0000: Configuration SPI SDO Data. 0001: FIFO Full Flag. 0010: FIFO Read Done Flag. 0011: Filter Result Ready (Active Low). 0100: High Threshold Detect. 0101: Low Threshold Detect. 0110: Status Alert (Active Low). 0111: GPIO Data. 1000: Filter Synchronization Input (Active Low). 1001: External Event Trigger Input for FIFO. 1010: Do not use this setting. |