công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

28F800C3 bảng dữ liệu(PDF) 13 Page - Intel Corporation

tên linh kiện 28F800C3
Giải thích chi tiết về linh kiện  Advanced Boot Block Flash Memory (C3)
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

28F800C3 bảng dữ liệu(HTML) 13 Page - Intel Corporation

Back Button 28F800C3 Datasheet HTML 9Page - Intel Corporation 28F800C3 Datasheet HTML 10Page - Intel Corporation 28F800C3 Datasheet HTML 11Page - Intel Corporation 28F800C3 Datasheet HTML 12Page - Intel Corporation 28F800C3 Datasheet HTML 13Page - Intel Corporation 28F800C3 Datasheet HTML 14Page - Intel Corporation 28F800C3 Datasheet HTML 15Page - Intel Corporation 28F800C3 Datasheet HTML 16Page - Intel Corporation 28F800C3 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Intel£ Advanced+ Boot Block Flash Memory (C3)
Datasheet
13
2.3
Signal Descriptions
Table 2 lists the active signals used and provides a brief description of each.
Table 2.
Signal Descriptions
Symbol
Type
Name and Function
A[MAX:0]
INPUT
ADDRESS INPUTS
for memory addresses. Address are internally latched during a program or erase
cycle.
8 Mbit: AMAX= A18
16 Mbit: AMAX = A19
32 Mbit: AMAX = A20
64 Mbit: AMAX = A21
DQ[15:0]
INPUT/
OUTPUT
DATA INPUTS/OUTPUTS:
Inputs data and commands during a write cycle; outputs data during read
cycles. Inputs commands to the Command User Interface when CE# and WE# are active. Data is
internally latched. The data pins float to tri-state when the chip is de-selected or the outputs are
disabled.
CE#
INPUT
CHIP ENABLE:
Active-low input. Activates the internal control logic, input buffers, decoders and sense
amplifiers. CE# is active low. CE# high de-selects the memory device and reduces power consumption
to standby levels.
OE#
INPUT
OUTPUT ENABLE:
Active-low input. Enables the device’s outputs through the data buffers during a
Read operation.
RP#
INPUT
RESET/DEEP POWER-DOWN:
Active-low input.
When RP# is at logic low, the device is in reset/deep power-down mode, which drives the outputs to
High-Z, resets the Write State Machine, and minimizes current levels (ICCD).
When RP# is at logic high, the device is in standard operation. When RP# transitions from logic-low to
logic-high, the device resets all blocks to locked and defaults to the read array mode.
WE#
INPUT
WRITE ENABLE:
Active-low input. WE# controls writes to the device. Address and data are latched on
the risingedgeof the WE#pulse.
WP#
INPUT
WRITE PROTECT:
Active-low input.
When WP# is a logic low, the lock-down mechanism is enabled and blocks marked lock-down cannot
be unlocked through software.
When WP# is logic high, the lock-down mechanism is disabled and blocks previously locked-down are
now locked and can be unlocked and locked through software. After WP# goes low, any blocks
previously marked lock-down revert to the lock-down state.
See Section 5.0, “Security Modes” on page 27 for details on block locking.
VPP
INPUT/
POWER
PROGRAM/ERASE POWER SUPPLY:
Operates as an input at logic levels to control complete device
protection. Supplies power for accelerated Program and Erase operations in 12 V
± 5% range. This pin
cannot be left floating.
Lower VPP
≤ VPPLK to protect all contents against Program and Erase commands.
Set VPP = VCC for in-system Read, Program and Erase operations. In this configuration, VPP can
drop as low as 1.65 V to allow for resistor or diode drop from the system supply.
Apply VPP to 12 V
± 5% for faster program and erase in a production environment. Applying 12 V ± 5%
to VPP can only be done for a maximum of 1000 cycles on the main blocks and 2500 cycles on the
boot blocks. VPP may be connected to 12 V for a total of 80 hours maximum. See Section 5.6 for
details on VPP voltage configurations.
VCC
POWER
DEVICE CORE POWER SUPPLY:
Supplies power for device operations.
VCCQ
POWER
OUTPUT POWER SUPPLY:
Output-driven source voltage. This ball can be tied directly to VCC if
operating within VCC range.
GND
POWER
GROUND:
For all internal circuitry. All ground inputs must be connected.
DU
-
DON’T USE:
Do not use this ball. This ball should not be connected to any power supplies, signals or
other balls, and must be left floating.
NC
-
NO CONNECT:
Pin must be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com