công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS92001 bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện DS92001
Giải thích chi tiết về linh kiện  3.3V B/LVDS-BLVDS Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92001 bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI)

  DS92001 Datasheet HTML 1Page - National Semiconductor (TI) DS92001 Datasheet HTML 2Page - National Semiconductor (TI) DS92001 Datasheet HTML 3Page - National Semiconductor (TI) DS92001 Datasheet HTML 4Page - National Semiconductor (TI) DS92001 Datasheet HTML 5Page - National Semiconductor (TI) DS92001 Datasheet HTML 6Page - National Semiconductor (TI) DS92001 Datasheet HTML 7Page - National Semiconductor (TI) DS92001 Datasheet HTML 8Page - National Semiconductor (TI) DS92001 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified. (Notes 2, 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
BLVDS OUTPUT DC SPECIFICATIONS (OUT)
I
OS1
Output Short Circuit Current
(Note 4)
EN=V
CC,VCM = 1.2V,VID = 200mV, VOUT+ = 0V,
or
V
ID = −200mV, VCM = 1.2V, VOUT− =0V
−30
−60
mA
V
ID = −200mV, VCM = 1.2V, VOUT+ =VCC ,or
V
ID = 200mV, VCM =1.2V, VOUT− =VCC
53
80
mA
I
OSD
Differential Output Short Circuit
Current (Note 4)
EN=V
CC,VID = |200mV|, VCM. = 1.2V, VOD =0V
(connect true and complement outputs through a
current meter)
|30|
|42|
mA
B/LVDS RECEIVER DC SPECIFICATIONS (IN)
V
TH
Differential Input High
Threshold (Note 5)
V
CM = +0.05V, +1.2V or +3.25V
−30
−5
mV
V
TL
Differential Input Low
Threshold (Note 5)
−70
−30
mV
V
CMR
Common Mode Voltage Range
(Note 5)
|V
ID|/2
V
CC
−|V
ID|/2
V
I
IN
Input Current
V
IN =VCC
V
CC = 3.6V or 0V
|1.5|
|20|
µA
V
IN = 0V
|1.5|
|20|
µA
∆I
IN
Change in Magnitude of I
IN
V
IN =VCC
16
µA
V
IN =0V
1
6
µA
V
FSOD
Fail-safe BLVDS Outputs
(OUT+ is a more positive
voltage than OUT−)
(Note 5)
Inputs open,
shorted, or
terminated
R
L =27
Ω
250
350
500
mV
R
L =50
Ω
350
450
600
mV
SUPPLY CURRENT
I
CCD
Total Dynamic Supply Current
(includes load current)
EN=V
CC,RL =27
Ω or 50Ω,C
L =15pF,
Freq. = 200MHz 50% duty cycle,
V
ID = 200mV, VCM = 1.2V
50
65
mA
I
CCZ
TRI-STATE Supply Current
EN = 0V,Freq. = 200MHz 50% duty cycle,
V
ID = 200mV, VCM= 1.2V
36
46
mA
AC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVDS OUTPUT AC SPECIFICATIONS (OUT)
t
PHLD
Differential Propagation Delay
High to Low
(Note 10)
V
ID = 200mV, VCM = 1.2V,
R
L =27
Ω or 50Ω,C
L = 15pF
Figure 3 and Figure 4
1.0
1.4
2.0
ns
t
PLHD
Differential Propagation Delay
Low to High
(Note 10)
1.0
1.4
2.0
ns
t
SKD1
Pulse Skew |t
PLHD −tPHLD|
(measure of duty cycle)
(Notes 5, 6)
0
20
200
ps
t
SKD3
Part-to-Part Skew (Note 5)
(Note 7)
0
200
300
ps
t
SKD4
Part-to-Part Skew (Note 5)
(Note 8)
01
ns
t
LHT
Rise Time (Notes 5, 10)
20% to 80% points
R
L =50
Ω or 27Ω,C
L = 15pF
Figure 3 and Figure 5
0.350
0.6
1.0
ns
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com