| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPF0900AMDA0ES bảng dữ liệu(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AMDA0ES bảng dữ liệu(HTML) 13 Page - NXP Semiconductors |
|
13 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring Pin Pin name Description Min Max Units 47 FCCU1 XRESET / FCCU fault monitoring input 1 -0.3 6.0 V 48 VDDIO I/O supply input -0.3 6.0 V 49 SW1FB SW1 feedback -0.3 6.0 V 50 SDA I2C data -0.3 6.0 V 51 SCL I2C clock -0.3 6.0 V 52 LDO1IN LDO1 input -0.3 6.0 V 53 LDO1OUT LDO1 output -0.3 6.0 V 54 FS0B Fail-safe output -0.3 6.0 V 55 GPIO3 Programmable IO3 -0.3 6.0 V 56 GPIO4 Programmable IO4 -0.3 6.0 V 57 EPAD Exposed pad ground -0.3 0.3 V Table 4. QFN56 Pin description...continued PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 13 / 205 |