công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC7447A bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MPC7447A
Giải thích chi tiết về linh kiện  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7447A bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC7447A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7447A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
4
Freescale Semiconductor
Features
— Four vector units and 32-entry vector register file (VRs)
– Vector permute unit (VPU)
– Vector integer unit 1 (VIU1) handles short-latency AltiVec™ integer instructions, such as
vector add instructions (for example, vaddsbs, vaddshs, and vaddsws).
– Vector integer unit 2 (VIU2) handles longer-latency AltiVec integer instructions, such as
vector multiply add instructions (for example, vmhaddshs, vmhraddshs, and
vmladduhm).
– Vector floating-point unit (VFPU)
— Three-stage load/store unit (LSU)
– Supports integer, floating-point, and vector instruction load/store traffic
– Four-entry vector touch queue (VTQ) supports all four architected AltiVec data stream
operations
– Three-cycle GPR and AltiVec load latency (byte, half word, word, vector) with one-cycle
throughput
– Four-cycle FPR load latency (single, double) with one-cycle throughput
– No additional delay for misaligned access within double-word boundary
– A dedicated adder calculates effective addresses (EAs).
– Supports store gathering
– Performs alignment, normalization, and precision conversion for floating-point data
– Executes cache control and TLB instructions
– Performs alignment, zero padding, and sign extension for integer data
– Supports hits under misses (multiple outstanding misses)
– Supports both big- and little-endian modes, including misaligned little-endian accesses
•
Three issue queues, FIQ, VIQ, and GIQ, can accept as many as one, two, and three instructions,
respectively, in a cycle. Instruction dispatch requires the following:
— Instructions can only be dispatched from the three lowest IQ entries—IQ0, IQ1, and IQ2.
— A maximum of three instructions can be dispatched to the issue queues per clock cycle.
— Space must be available in the CQ for an instruction to dispatch (this includes instructions that
are assigned a space in the CQ but not in an issue queue).
•
Rename buffers
— 16 GPR rename buffers
— 16 FPR rename buffers
— 16 VR rename buffers
•
Dispatch unit
— Decode/dispatch stage fully decodes each instruction
•
Completion unit
— Retires an instruction from the 16-entry completion queue (CQ) when all instructions ahead of
it have been completed, the instruction has finished executing, and no exceptions are pending
— Guarantees sequential programming model (precise exception model)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60