| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC7448EC bảng dữ liệu(PDF) 54 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC7448EC bảng dữ liệu(HTML) 54 Page - Freescale Semiconductor, Inc |
|
54 / 60 page ![]() MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4 54 Freescale Semiconductor System Design Information Table 16. Valid Divide Ratio Configurations DFS mode disabled DFS divide-by-2 mode enabled (HID1[DFS2] = 1 or DFS2 =0) DFS divide-by-4 mode enabled (HID1[DFS4] = 1 or DFS4 =0) Bus-to-Core Multiplier Configured by PLL_CFG[0:5] (see Table 12) HID1[PC0-5] 3 Bus-to-Core Multiplier HID1[PC0-5] 3 Bus-to-Core Multiplier HID1[PC0-5] 3 2x 4 010000 N/A (unchanged) 1 unchanged 1 N/A (unchanged) 1 unchanged 1 3x 4 100000 N/A (unchanged) 1 unchanged 1 N/A (unchanged) 1 unchanged 1 4x 4 101000 2x 4 010000 N/A (unchanged) 1 unchanged 1 5x 101100 2.5x 4 010101 N/A (unchanged) 1 unchanged 1 5.5x 100100 2.75x 4 110101 2 N/A (unchanged) 1 unchanged 1 6x 110100 3x 4 100000 N/A (unchanged) 1 unchanged 1 6.5x 010100 3.25x 4 100000 2 N/A (unchanged) 1 unchanged 1 7x 001000 3.5x 4 110101 N/A (unchanged) 1 unchanged 1 7.5x 000100 3.75x 4 110101 2 N/A (unchanged) 1 unchanged 1 8x 110000 4x 4 101000 4 2x 4 010000 8.5x 011000 4.25x 4 101000 2 N/A (unchanged) 1 unchanged 1 9x 011110 4.5x 4 011101 2.25x 4 010000 2 9.5x 011100 4.75x 4 011101 2 N/A (unchanged) 1 unchanged 1 10x 101010 5x 101100 2.5x 4 010101 10.5x 100010 5.25x 101100 2 N/A (unchanged) 1 unchanged 1 11x 100110 5.5x 100100 2.75x 4 010101 2 11.5x 000000 5.75x 100100 2 N/A (unchanged) 1 unchanged 1 12x 101110 6x 110100 3x 4 100000 12.5x 111110 6.25x 110100 2 N/A (unchanged) 1 unchanged 1 13x 010110 6.5x 010100 3.25x 4 100000 2 13.5x 111000 6.75 010100 2 N/A (unchanged) 1 unchanged 1 14x 110010 7x 001000 3.5x 4 110101 15x 000110 7.5x 000100 3.75x 4 110101 2 16x 110110 8x 110000 4x 4 101000 17x 000010 8.5x 011000 4.25x 4 101000 2 18x 001010 9x 011110 4.5x 4 011101 20x 001110 10x 101010 5x 101100 21x 010010 10.5x 100010 5.25x 101100 2 |