| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HV232 bảng dữ liệu(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HV232 bảng dữ liệu(HTML) 8 Page - Microchip Technology |
|
8 / 22 page ![]() HV232 DS20005820B-page 8 2024-2026 Microchip Technology Inc. and its subsidiaries TRUTH FUNCTION TABLE Data in 8-Bit Shift Register LE CLR Output Switch State D0 D1 D2 D3 D4 D5 D6 D7 SW0 SW1 SW2 SW3 SW4 SW5 SW6 SW7 LL L OFF HL L ON LL L OFF HL L ON LL L OFF HL L ON LL L OFF HL L ON LL L OFF HL L ON LL L OFF HL L ON LL L OFF HL L ON LL L OFF HL L ON X X X X X X X X H L Hold Previous State XXX XXX XXX H All Switches Off Note 1: The eight switches operate independently. 2: Serial data is clocked in on the L to H transition clock. 3: The switches go to a state retaining their present condition at the rising edge of LE. 4: When LE is low, the Shift register data flow through the latch. 5: DOUT is high when data in the Shift register 7 is high. 6: Shift register clocking has no effect on the switch states if LE is high. 7: The CLR clear input overrides all other inputs. |