| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PXPPVC08RAM05BCL050PVC bảng dữ liệu(PDF) 13 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC08RAM05BCL050PVC bảng dữ liệu(HTML) 13 Page - Bulgin Limited. All rights reserved. |
|
13 / 13 page ![]() 165 Circular Automation Connectors XXX XXX Series PXM PXP Circular Automation Connectors / Part No. System XXX Material BNI = Brass Nickel PAM = Poly- amide TPU = Overmold for PUR PVC = Overmold for PVC PNP = LED PNP M8 Series XX Size 08 XX Body FB = Flex Body FI = Flex Inline Body FP = Front Panel Mounting RP = Rear Panel Mounting RA = Right Angle TS = T-Splitter X Orientation M F T-Split = MM MF XX Contacts 03 04 05 06 08 Cable PUR PVC XXX Lead Length 001 002 003 010 020 030 050 100 150 XX Termination ST = Screw Terminal PC = PCB FL = Flying Lead CL = Cable SC = Solder YT = Y-Type T-Split = FIIFI FBIFB FBBFB X Code A B P XXX Mounting M12 M16 |