công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICL7665SCPAZ bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện ICL7665SCPAZ
Giải thích chi tiết về linh kiện  CMOS Micropower Over/Under Voltage Detector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7665SCPAZ bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  ICL7665SCPAZ Datasheet HTML 1Page - Renesas Technology Corp ICL7665SCPAZ Datasheet HTML 2Page - Renesas Technology Corp ICL7665SCPAZ Datasheet HTML 3Page - Renesas Technology Corp ICL7665SCPAZ Datasheet HTML 4Page - Renesas Technology Corp ICL7665SCPAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7665SCPAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7665SCPAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7665SCPAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7665SCPAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ICL7665S
FN3182 Rev 10.00
Page 2 of 15
August 10, 2015
Ordering Information
PART NUMBER
PART MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ICL7665SACBAZ (Notes 1, 3) 7665S ACBAZ
0 to +70
8 Ld SOIC (Pb-free)
M8.15
ICL7665SACBAZA (Notes 1, 3) 7665S ACBAZ
0 to +70
8 Ld SOIC (Pb-free)
M8.15
ICL7665SACPAZ (Note 2)
7665S ACPAZ
0 to +70
8 Ld PDIP (Pb-free)
E8.3
ICL7665SAIBAZA (Notes 1, 3) 7665 SAIBAZ
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
ICL7665SAIPAZ (Note 2)
7665S AIPAZ
-40 to +85
8 Ld PDIP (Pb-free)
E8.3
ICL7665SCBAZ (Notes 1, 3)
7665 SCBAZ
0 to +70
8 Ld SOIC (Pb-free)
M8.15
ICL7665SCBAZA (Notes 1, 3) 7665 SCBAZ
0 to +70
8 Ld SOIC (Pb-free)
M8.15
ICL7665SCPAZ (Note 2)
7665S CPAZ
0 to +70
8 Ld PDIP (Pb-free)
E8.3
ICL7665SIBAZ (Notes 1, 3)
7665 SIBAZ
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
ICL7665SIBAZA (Notes 1, 3)
7665 SIBAZ
-40 to +85
8 Ld SOIC(Pb-free)
M8.15
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
3. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com