công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL68127IRAZ bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện ISL68127IRAZ
Giải thích chi tiết về linh kiện  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  ISL68127IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
ISL68127
FN8748 Rev.2.00
Page 3 of 48
Jul 12, 2019
Pin Configuration
48 LD QFN
TOP VIEW
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
TAPE AND REEL
(UNITS) (Note 1)
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
ISL68127IRAZ
ISL68127 IRZ
-40 to +85
-
48 Ld 6x6 QFN
L48.6x6B
ISL68127IRAZ-T
ISL68127 IRZ
-40 to +85
4k
48 Ld 6x6 QFN
L48.6x6B
ISL68127IRAZ-T7A
ISL68127 IRZ
-40 to +85
250
48 Ld 6x6 QFN
L48.6x6B
NOTES:
1. Refer to TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials and 100% matte tin plate
plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see the ISL68127 device page. For more information about MSL, see TB363.
TABLE 1. KEY DIFFERENCES BETWEEN FAMILY OF PARTS
PART NUMBER
PHASE CONFIGURATION
OUTPUT X/OUTPUT Y
SPECIFICATION SUPPORTED
PACKAGE
ISL68127
X+Y ≤ 7
PMBus
QFN 48 Ld, 6x6mm
ISL68137
X+Y ≤ 7
PMBus/AVSBus
QFN 48 Ld, 6x6mm
ISL68134
X+Y ≤ 4
PMBus/AVSBus
TQFN 40 Ld, 5x5mm
ISL68124
X+Y ≤ 4
PMBus
TQFN 40 Ld, 5x5mm
12
1
2
3
4
5
6
7
8
9
10
36
35
34
33
32
31
13
14
15
16
17
18
19
20
40
39
38
37
CSRTN1
CS2
CSRTN2
CS3
CS4
CSRTN4
PWM3
PWM2
EPAD
11
21
22
23
24
CS5
PWM1
PWM0
GND
CSRTN5
GND
PWM4
DNC
CSRTN3
CS1
PWM5
30
29
28
27
26
25
41
42
43
44
45
46
47
48
DNC
DNC
CS6
CSRTN6
PWM6
(GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com