| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C1F003XES bảng dữ liệu(PDF) 3 Page - Hammond Power Solutions |
|
|
|||||||||||||||||||||||||||||
C1F003XES bảng dữ liệu(HTML) 3 Page - Hammond Power Solutions |
|
3 / 8 page ![]() SUPERIOR QUALITY & VALUE HPS FORTRESSTM ACCESSORIES Wall Mounting Kit Features include: • Manufactured from heavy-duty angle steel for maximum support. • Wall mounting brackets are finished in matching ANSI 61 UL 50 Grey. • All hardware required to attach to the transformer is supplied. • Mounting brackets come with three wall mounting holes for maximum holding strength. Enclosure Case Style* Mounting Type Wall Mounting Kit Part Number NQ0-NQ8 Wall Included NQS10 Wall or Floor NQTW2 NQT3-NQT6 Wall Included NQT7-NQT8 Wall or Floor NQTW1 NQT9A Floor N/A NQT9 Wall or Floor NQTW2 The following wall mounting kits are available: *Applies to HPS Fortress line only. Did you know... HPS also has an industrial line of encapsulated transformers called the HPS Titan® Series. These transformers are UL Listed for “Class 1, Division 2 Groups A, B, C and D Hazardous Locations” and also meets ABS Type Approval for “Marine Duty Service and Offshore Applications - Electrical Distribution and Propulsion.” Please contact your HPS sales representative for more details. Three phase HPS FortressTM encapsulated transformers in standard Type 3R rated NQT enclosures, can easily be converted to a Type 4 or 12 rating by ordering and installing the appropriate optional gasket kit as listed in the table below. NQT Wiring Compartment Cover Nema 4/12 Gasket Side Knockout NQT Wiring Compartment Cover Mounting Hardware NQT Wiring Compartment Cover Encapsulated Transformer in NQT Enclosure Type 4/12 Gasket shown installed on inside of NQT enclosure wiring compartment cover. Ensure gasket holes are aligned with cover holes. NQT Enclosure Mounting Holes Enclosure Case Style Gasket Kit P/N NQT3 NQT3GK NQT4 NQT4GK NQT5 NQT5GK NQT6 NQT6GK NQT7 NQT7GK NQT8 NQT8GK NQT9 NQT9GK NQT9A NQT9AGK Optional Type 4/12 Gasket Kits HPS Titan® Series |