| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NE555 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
NE555 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() THRESHOLD COMP 5k Ω 5k Ω 5k Ω TRIGGER R FLIP-FLOP S Q DISCHARGE OUT INHIBIT/ RESET RESET COMP S - 808 6 S + CONTROL VOLTAGE V CC BLOCK DIAGRAM OUTPUT CONTROL VOLTAGE THRESHOLD COMPARATOR VCC R1 4.7k Ω R2 830 Ω Q5 Q6 Q7 Q8 Q9 R3 4.7k Ω R4 1k Ω R8 5k Ω Q1 Q2 Q3 Q4 Q10 Q11 Q12 Q13 THRESHOLD TRIGGER RESET DISCHARGE GN D 2 4 7 1 Q14 Q15 R5 10k Ω R6 100k Ω R7 100k Ω R10 5k Ω Q17 Q16 Q18 R9 5k Ω D2 R16 100 Ω R15 4.7k Ω R14 220 Ω Q24 Q23 R17 4.7k Ω 3 Q22 R13 D1 Q19 Q20 Q21 R12 6.8k Ω 5 TRIGGER COMPARATOR FLIP FLOP R11 5k Ω 3.9k Ω SCHEMATIC DIAGRAM ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit Vcc Supply Voltage 18 V Toper Operating Free Air Temperature Range for NE555 for SA555 for SE555 0to 70 –40 to 105 –55 to 125 oC Tj Junction Temperature 150 oC Tstg Storage Temperature Range –65 to 150 oC NE555/SA555/SE555 2/10 |