công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WILCS02IC bảng dữ liệu(PDF) 58 Page - Microchip Technology

tên linh kiện WILCS02IC
Giải thích chi tiết về linh kiện  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02IC bảng dữ liệu(HTML) 58 Page - Microchip Technology

Back Button WILCS02IC Datasheet HTML 54Page - Microchip Technology WILCS02IC Datasheet HTML 55Page - Microchip Technology WILCS02IC Datasheet HTML 56Page - Microchip Technology WILCS02IC Datasheet HTML 57Page - Microchip Technology WILCS02IC Datasheet HTML 58Page - Microchip Technology WILCS02IC Datasheet HTML 59Page - Microchip Technology WILCS02IC Datasheet HTML 60Page - Microchip Technology WILCS02IC Datasheet HTML 61Page - Microchip Technology WILCS02IC Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 71 page
background image
WILCS02IC and WILCS02 Family
Packaging Information
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 58
RECOMMENDED LAND PATTERN
28-Lead PCB Module (TEC) - 14.73x21.72x2.1 mm Body [MODULE]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
With Metal Shield and Coaxial Connector
© 2024 Microchip Technology Inc.
R
Notes:
Keep these areas free from routes and exposed copper. Ground fill with solder mask may be placed here.
2.
All dimensions are in millimeters.
1.
Microchip Technology Drawing C04-23567 Rev C
COPPER KEEPOUT ZONE
10
11
12
13
14
15
16
17
18
19
9
8
7
6
3
4
5
2
1
21 22 23 24 25 26 27 28
28x 0.80
SILKSCREEN
PCB EDGE
Ø2.80
9.67
5.992
1.016
6.27
6.882
20
28X 1.90
2.667
2.667
2.032
3.70
3.70
1.905
3.68
0.216
14.73
21.72
6.861
4.064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71