công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TARS-LCASS bảng dữ liệu(PDF) 1 Page - Honeywell Solid State Electronics Center

tên linh kiện TARS-LCASS
Giải thích chi tiết về linh kiện  Transportation Attitude Reference Sensor (TARS Series)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

TARS-LCASS bảng dữ liệu(HTML) 1 Page - Honeywell Solid State Electronics Center

  TARS-LCASS Datasheet HTML 1Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet
Transportation Attitude Reference Sensor (TARS Series)
Ruggedized Inertial Measurement Unit (IMU)
DESCRIPTION
The Transportation Attitude Reference Sensor or TARS-IMU
is a packaged sensor array designed to report vehicle angular
rate, acceleration, and inclination for demanding applications
in industries such as heavy duty, off-highway transportation.
TARS-IMU enables autonomous vehicle characteristics and
enhances efficiency and productivity by reporting key data
required to automate and monitor movements of vehicle
systems and components. The sensor fusion algorithm can be
customized for specific vehicle applications through on-board
firmware, allowing movement data to be filtered for extraneous
environment and vehicle movements.
With two sensor models for different power levels, TARS-
IMU accommodates both 5 V and 9 V to 36 V vehicle power
systems. While communication is carried to the vehicle
through industry standard CAN J1939 connectivity.
As a standard, TARS-IMU is calibrated on aerospace-grade
rate tables at the factory to provide calibration consistency
between units.
DIFFERENTIATION
•
Flexible. On-board firmware can tailor TARS-IMU to the
specific vehicle and the specific application
•
Durable. With top-of-the-line sealing (IP67, IP69K)
TARS-IMU is ruggedized to withstand harsh or heavy-duty
applications
•
Convenient. TARS-IMU can be pre-configured at the
Honeywell factory for immediate installation out of the box,
or it can be delivered with customizable firmware that allows
manufacturers to use a single part number across vehicles
and applications
FEATURES
• High performance IMU, reports vehicle angular rate,
acceleration and inclination (6 degrees of freedom)
• Ruggedized PBT thermoplastic housing design for the most
demanding applications and environments (IP67 & IP69K
certified)
• Advanced filtering of raw sensor data to minimize unwanted
noise and vibrations, improves positioning accuracy
• Optional metal guard for added protection
• Supports 5 V and 9 V to 36 V vehicle power systems
• Operating temperature of -40 °C to 85 °C [-40 °F to 185 °F]
• Reduced power consumption
• Small form-factor
POTENTIAL APPLICATIONS
• Equipment control
• Linear position
• Linkage tracking
• Bucket control
• Work monitoring
• Vehicle stability control
• Operator assisted control
• Performance and output control
VALUE TO CUSTOMERS
• Designed to allow vehicle manufacturers and end users
to increase efficiency with the automation of repetitive
movements or complex tasks
• Enables precise movement, actuation and guidance over
severe terrains and vehicle grades
• Enhances safety through enablement of monitoring and
guidance capabilities that improve productivity of operators
SIX DEGREES OF FREEDOM
Surge
Heave
Sway
+=
Surge: Moving forward/backward
:
Heave: Moving up/down
Sway: Moving left/right
Roll: Tilting side to side
Pitch: Tilting forward and backward
:
Yaw: Turning left and right
Sway
Surge
Rotational Movement
about Three Perpendicular Axes
Translational Movement
in Three Perpendicular Axes
Roll
Pitch
Yaw
Heave
Roll
Pitch
Yaw
Surge
Heave
Sway
Roll
Pitch
Yaw
PORTFOLIO
TARS-IMU joins Honeywell’s venerated sensor portfolio, and
adds to the ever-increasing connected and intelligence driven
capabilities that Honeywell offers. TARS-IMU is built to survive
the demanding applications in industries like off-highway
transportation and beyond.
Sensing and Internet of Things
000828
Issue 1


Số phần tương tự - TARS-LCASS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ORing Industrial Networ...
TAR-620-M12-MV ORING-TAR-620-M12-MV Datasheet
358Kb / 5P
Industrial EN50155 IEEE 802.11 a/b/g/n 3G Cellular Router
TAR-620-M12-MV_EU ORING-TAR-620-M12-MV_EU Datasheet
358Kb / 5P
Industrial EN50155 IEEE 802.11 a/b/g/n 3G Cellular Router
TAR-620-M12-MV_US ORING-TAR-620-M12-MV_US Datasheet
358Kb / 5P
Industrial EN50155 IEEE 802.11 a/b/g/n 3G Cellular Router
logo
Cynergy3 Co
TAR212SM CYNERGY3-TAR212SM Datasheet
663Kb / 2P
Miniature Screened 0.5A, 1.5kV 2 Series
logo
Taiwan Semiconductor Co...
TAR3525 TSC-TAR3525 Datasheet
54Kb / 2P
35.0 AMPS. Load Dump Rectifiers
More results

Mô tả tương tự - TARS-LCASS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sonardyne sound in dept...
8041-000-01 SONARDYNE-8041-000-01 Datasheet
133Kb / 2P
Radian - Miniature Attitude & Heading Reference System
8084-000-11 SONARDYNE-8084-000-11 Datasheet
114Kb / 2P
Lodestar- Attitude & Heading Reference System (Subsea)
8084-001 SONARDYNE-8084-001 Datasheet
128Kb / 2P
Lodestar- Attitude & Heading Reference System (Surface)
logo
ITT Industries
1504728 ITT-1504728 Datasheet
571Kb / 2P
APD Transportation Connectors
logo
Power System Technology
PST06 PST-PST06 Datasheet
285Kb / 4P
Industrial / Transportation
logo
ATMEL Corporation
ATDVK90CAN1 ATMEL-ATDVK90CAN1 Datasheet
1Mb / 6P
Automotive and Transportation Systems
logo
Laird Tech Smart Techno...
OC51505H LSTD-OC51505H Datasheet
575Kb / 1P
Transportation centers
B4303S LSTD-B4303S Datasheet
521Kb / 2P
Transportation
logo
Japan Aviation Electron...
CT150-2-MX34 JAE-CT150-2-MX34 Datasheet
147Kb / 2P
Transportation
logo
OSRAM GmbH
LTW5SM OSRAM-LTW5SM_18 Datasheet
1Mb / 22P
Transportation, Plane, Ship
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com