công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TARS-LCASS bảng dữ liệu(PDF) 2 Page - Honeywell Solid State Electronics Center

tên linh kiện TARS-LCASS
Giải thích chi tiết về linh kiện  Transportation Attitude Reference Sensor (TARS Series)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

TARS-LCASS bảng dữ liệu(HTML) 2 Page - Honeywell Solid State Electronics Center

  TARS-LCASS Datasheet HTML 1Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
2 sensing.honeywell.com
Transportation Attitude Reference Sensor (TARS Series)
Table 1. Sensor Specifications
Characteristic
Min.
Typ.
Max.
Unit
Gyroscope 3 axis performance
Angular rate range
-245
–
+245
deg/sec
Angular rate resolution
–
7.8125
–
mdps
In-run bias stability
–
1
–
mdps
Rate noise density
–
0.004
–
deg/sec/sqrt/Hz
Offset (0 °C to 50 °C)
-0.8
–
+0.8
deg/sec
Offset (-40 °C to 85 °C)
-1.6
–
+1.6
deg/sec
Accelerometer 3 axis performance
Acceleration range
-78.48
–
+78.48
m/s2
Acceleration resolution
–
0.01
–
m/s2
In-run bias stability
–
50
–
mg
Acceleration noise density
–
65
–
mg/sqrt Hz
Offset (0 °C to 50 °C)
–
±0.05
–
m/s2
Offset (-40 °C to 85 °C)
–
±0.15
–
m/s2
Inclination (pitch and roll) performance
Range (2 axis x & y)
-85
–
+85
deg
Resolution
–
0.058
–
deg
Static inclination error
(0 °C to 50 °C)
–
±0.3
–
deg
Static inclination error
(-40 °C to 85 °C)
–
±0.9
–
deg
Translational acceleration error
–
±0.5
–
deg
Centripetal acceleration error
–
±0.5
–
deg
Settling time
–
–
2000
mSec
Table 2. Electrical Characteristics • TARS-LCASS Catalog LIsting
Characteristic
Min.
Nominal
Max.
Unit
Supply voltage
4.5
5
5.5
V
Supply current
–
–
100
mA
Start-up time
500
–
2000
mSec
Short circuit protection
CAN output shorted to power line and ground
Open circuit protection
Single-line interruption and multiple-line interruption
Reset response
Automatic after voltage drop
CAN output characteristics per SAE J1939
CAN Bus data rate
–
250
–
kBaud
Signal update rate
–
–
100
Hz



Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com