công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

101 bảng dữ liệu(PDF) 8 Page - Arm Limited (or its affiliates).

tên linh kiện 101
Giải thích chi tiết về linh kiện  User-Based Licensing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARM [Arm Limited (or its affiliates).]
Trang chủ  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

101 bảng dữ liệu(HTML) 8 Page - Arm Limited (or its affiliates).

Back Button 101 Datasheet HTML 4Page - Arm Limited (or its affiliates). 101 Datasheet HTML 5Page - Arm Limited (or its affiliates). 101 Datasheet HTML 6Page - Arm Limited (or its affiliates). 101 Datasheet HTML 7Page - Arm Limited (or its affiliates). 101 Datasheet HTML 8Page - Arm Limited (or its affiliates). 101 Datasheet HTML 9Page - Arm Limited (or its affiliates). 101 Datasheet HTML 10Page - Arm Limited (or its affiliates). 101 Datasheet HTML 11Page - Arm Limited (or its affiliates). 101 Datasheet HTML 12Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
User-Based Licensing User Guide
Document ID: 102516_1.1_00_en
Version 1.1
User-Based Licensing overview
2. User-Based Licensing overview
User-based licensing binds the entitlement to use Arm software products to the user. A user is
entitled to use an Arm software product license with no limits on concurrent usage, including using
the same product on multiple devices. For example, you could use a single license with a service
account to automatically build and test your products with Arm software products on any number
of devices.
The user can obtain a license using one of the following methods:
• Entering an activation code
• Accessing a license server that is managed by a local administrator
This approach is different from the previous Arm® licensing models; node-locked
and floating licensing.
2.1 Backwards compatibility
User-Based Licensing does not apply to Arm software products released before 2022.
Releases from 2022 are going to gradually adopt user-based licensing, in addition to existing node-
locked and floating licensing implementations.
2.2 Interoperability with previous software licensing
implementations
You can use a combination of Arm software products with user-based and other pre-existing
licensing implementations, on the same device or the same network.
Arm software products that implement user-based licensing automatically choose user-based
licensing over other technologies, as long as a valid user-based license is found. Otherwise, Arm
software products use pre-existing licensing implementations.
2.3 License lifecycle for user-based licensing
Configuring and using Arm software products that implement user-based licensing are split into the
phases activation, use, and deactivation.
The details of these phases are:
Copyright © 2022 Arm Limited (or its affiliates). All rights reserved.
Non-Confidential
Page
8 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com