| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLC016MTC bảng dữ liệu(PDF) 8 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CLC016MTC bảng dữ liệu(HTML) 8 Page - National Semiconductor (TI) |
|
8 / 19 page ![]() Product Description (Continued) Pin Descriptions Name Pin # PLCC Pin # TSSOP Description DDI, DDI 5, 6 12, 13 Differential (ECL, PECL) data inputs. SCO, SCO 23, 22 2, 1 Differential collector (ECL, PECL compatible) clock outputs SDO, SDO 25, 24 4, 3 Differential collector (ECL, PECL compatible) retimed data outputs RDO, RD1 20, 21 27, 28 Bi-directional (TTL, CMOS) VCO data rate bus. See Table 3 for state table. R n 13, 14, 15, 17 20, 21, 22, 24 VCO rate configuration resistors (n = 0, 1, 2, 3). RTN 18 25 Return for R n SER 4 11 Loop unlock output (TTL, CMOS) indicator. High when loop is unlocked or harmonic-locked. CD 19 26 Carrier detector (TTL, CMOS) output. Low when no signal is present. MUTE 28 7 Output mute (TTL, CMOS) control. Connect to CD to latch outputs when no signal is present. AUTO 16 23 Auto- or manual-rate mode control (TTL, CMOS) input. Assert high for auto-rate mode. ACQ/WR 8 15 ARS oscillator enable and rate latch enable (TTL, CMOS) input. Connect to SER (see diagrams) for auto-rate mode. C ARS 2 9 External capacitor connections for controlling the rate of the ARS search. V C,VC 12, 9 19, 16 VCO control lines. Loop filter connects across these and FD. FD 10 17 Frequency detector output. C Z must connect from FD to VC. V CC 7, 26 5, 14 Positive supply pins (ground or +5V). V EE 1, 3, 11, 27 6, 8, 10, 18 Negative supply pins (−5.2V or ground). Operation Description The CLC016 Data Retiming PLL, Figure 3, has three main functions: Frequency Detector (FD), Phase-Locked Loop (PLL) and Auto-Rate Select (ARS). The Frequency Detector detects the frequency difference between the input data rate and the VCO frequency, and forces a rapid change in VCO frequency to minimize that difference. As the frequency difference approaches zero, the PLL acquires phase lock and the Frequency Detector be- comes inactive. In Auto-Rate Select mode, the Frequency Detector requests the ARS function to search for a new data rate. The PLL consists of a Voltage Controlled Oscillator (VCO), a Phase Detector (PD), and an external Loop Filter (LF). The PLL recovers a low-jitter clock for data retiming. The data is re-synchronized (retimed) at the Data Latch. The data and clock are buffered outputs. The ARS block has two modes of operation: Auto-Rate Mode (ARM) and Manual-Rate Mode (MRM). Once the ARS func- tion is activated (ARM), it sequences through the user- selected data rates until phase lock is achieved. The user has control over the rate at which ARS steps through the data rates (see Auto-Rate Selection section). The Carrier Detect (CD) block detects the presence of input data and is an input to the ARS block. When CD is con- nected to MUTE and no data is present, the clock and data outputs are latched. Functional Block Descriptions Frequency Detector (FD) The Frequency Detector detects the difference between VCO rate and the input data rate, then forces the frequency (rate) difference to zero. In Auto-Rate Mode, when a differ- 10008715 FIGURE 3. Functional Block Diagram www.national.com 8 |