công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CLC001 bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện CLC001
Giải thích chi tiết về linh kiện  Serial Digital Cable Driver with Adjustable Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC001 bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI)

  CLC001_06 Datasheet HTML 1Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 2Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 3Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 4Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 5Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 6Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 7Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 8Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
4V
Output Current
27 mA
Maximum Junction Temperature
+125˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering 10 seconds)
+300˚C
ESD Rating (HBM)
≥ 7kV
ESD Rating (MM)
≥ 500V
Package Thermal Resistance
θ
JA Surface Mount AJE
125˚C/W
θ
JC Surface Mount AJE
105˚C/W
Reliability Information
Transistor count
291
Recommended Operating
Conditions
Supply Voltage Range (V
DD -VSS)
+3.0V to +3.6V
Operating Free Air Temperature (T
A)
-40˚C to +85˚C
R
BB Range (applied to VBB input)
(Note 6)
1.3k
Ω to
11.5k
Ω
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OUTPUT DC SPECIFICATIONS
V
SDO
Serial Driver Output Voltage
R
L =75
Ω 1%,R
REF = 1.91 k
Ω 1% (for
800 mV
p-p),Figure 1
720
800
880
mV
R
L =75
Ω 1%,R
REF = 1.5 k
Ω 1% (for
1.0 V
p-p),Figure 1
900
1000
1100
mV
INPUT DC SPECIFICATIONS
V
TH
Differential Input High Threshold
V
CM = +0.05V or +1.2V or +3.25V,
0
+100
mV
V
TL
Differential Input Low Threshold
V
DD = 3.3V
−100
0
mV
V
CMR
Common Mode Voltage Range
V
ID = 100mV, VDD = 3.3V
0.05
3.25
V
I
IN
Input Current
V
IN = 0V or +3.0V, VDD = 3.6V or 0V
±1
±10
µA
I
INB
Input Current Balance
V
IN = 0V or +3.0V, VDD = 3.6V or 0V,
(Note 8)
0.23
µA
SUPPLY CURRENT
I
DD
Total Dynamic Power Supply Current
(includes load current)
R
L =75
Ω,R
REF = 1.91 k
Ω 1%(V
SDO =
800 mV
p-p @ 270 Mbps)
70
115
mA
R
L =75
Ω,R
REF = 1.5 k
Ω 1%(V
SDO =
1.0 V
p-p @ 622 Mbps)
85
130
mA
MISCELLANEOUS PARAMETERS
L
GEN
Output Inductance
6nH
R
GEN
Output Resistance
25
k
Ω
I
BB
V
BB Current
R
REF = 1.91 k
Ω 1%, (Note 6)
250
µA
R
REF = 1.5 k
Ω 1%, (Note 6)
315
µA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11